Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67120-C0509 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67120-C0509
Description  8-Bit CMOS Single-Chip Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67120-C0509 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button Q67120-C0509 Datasheet HTML 4Page - Siemens Semiconductor Group Q67120-C0509 Datasheet HTML 5Page - Siemens Semiconductor Group Q67120-C0509 Datasheet HTML 6Page - Siemens Semiconductor Group Q67120-C0509 Datasheet HTML 7Page - Siemens Semiconductor Group Q67120-C0509 Datasheet HTML 8Page - Siemens Semiconductor Group Q67120-C0509 Datasheet HTML 9Page - Siemens Semiconductor Group Q67120-C0509 Datasheet HTML 10Page - Siemens Semiconductor Group Q67120-C0509 Datasheet HTML 11Page - Siemens Semiconductor Group Q67120-C0509 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
SAB 80C515/80C535
Semiconductor Group
7
Pin Definitions and Functions
Symbol
Pin
P-LCC-68
Pin
P-MQFP-80
Input (I)
Output (O)
Function
P4.0-P4.7 1-3, 5-9
72-74,
76-80
I/O
Port 4
is an 8-bit bidirectional I/O port with
internal pullup resistors. Port 4 pins that
have 1’s written to them are pulled high by
the internal pullup resistors, and in that
state can be used as inputs. As inputs,
port 4 pins being externally pulled low will
source current (II L, in the DC
characteristics) because of the internal
pullup resistors.
PE
4
75
I
Power saving mode enable
A low level on this pin enables the use of
the power saving modes (idle mode and
power-down mode). When PE is held on
high level it is impossible to enter the
power saving modes.
RESET
10
1
I
Reset pin
A low level on this pin for the duration of
two machine cycles while the oscillator is
running resets the SAB 80C515. A small
internal pullup resistor permits power-on
reset using only a capacitor connected
to VSS.
VAREF
11
3
Reference voltage for the A/D converter
VAGND
12
4
Reference ground for the A/D converter
P6.7-P6.0 13-20
5-12
Port 6
is an 8-bit undirectional input port. Port
pins can be used for digital input if voltage
levels simultaneously meet the
specifications for high/low input voltages
and for the eight multiplexed analog inputs
of the A/D converter.


Similar Part No. - Q67120-C0509

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67120-C0581 SIEMENS-Q67120-C0581 Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
More results

Similar Description - Q67120-C0509

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com