Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB88C166W-5M Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # SAB88C166W-5M
Description  16-Bit CMOS Single-Chip Microcontrollers with/without oscillator prescaler with 32 KByte Flash EPROM
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB88C166W-5M Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button SAB88C166W-5M Datasheet HTML 5Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 6Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 7Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 8Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 9Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 10Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 11Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 12Page - Siemens Semiconductor Group SAB88C166W-5M Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
SAB 88C166(W)
Semiconductor Group
8
Memory Organization
The memory space of the SAB 88C166(W) is configured in a Von Neumann architecture which
means that code memory, data memory, registers and I/O ports are organized within the same
linear address space which includes 256 KBytes. Address space expansion to 16 MBytes is
provided for future versions. The entire memory space can be accessed bytewise or wordwise.
Particular portions of the on-chip memory have additionally been made directly bit addressable.
1 KByte of on-chip RAM is provided as a storage for user defined variables, for the system stack,
general purpose register banks and even for code. A register bank can consist of up to 16 wordwide
(R0 to R15) and/or bytewide (RL0, RH0, …, RL7, RH7) so-called General Purpose Registers
(GPRs).
512 bytes of the address space are reserved for the Special Function Register area. SFRs are
wordwide registers which are used for controlling and monitoring functions of the different on-chip
units. 98 SFRs are currently implemented. Unused SFR addresses are reserved for future
members of the SAB 80C166 family.
In order to meet the needs of designs where more memory is required than is provided on chip, up
to 256 KBytes of external RAM and/or ROM can be connected to the microcontroller.
Flash Memory Overview
The SAB 88C166(W) provides 32 KBytes of electrically erasable and reprogrammable non-volatile
Flash EPROM on-chip for code or constant data, which can be mapped to either segment 0
(0’0000H to 0’7FFFH) or segment 1 (1’0000H to 1’7FFFH) during the initialization phase.
A separate Flash Control Register (FCR) has been implemented to control Flash operations like
programming or erasure. For programming or erasing an external 12 V programming voltage must
be applied to the VPP/EBC1 pin.
The Flash memory is organized in 8 K x 32 bits, which allows even double-word instructions to be
fetched in just one machine cycle. The entire Flash memory is divided into four blocks with different
sizes (12/12/6/2 KByte). This allows to erase each block separately, when only parts of the Flash
memory need to be reprogrammed. Word or double word programming typically takes 100
µs, block
erasing typically takes 1 s (@ 20 MHz CPU clock). The Flash memory features a typical endurance
of 100 erasing/programming cycles. Erased Flash memory cells contain all ‘1’s, as known from
standard EPROMs.
The Flash memory can be programmed both in an appropriate programming board and in the target
system, which provides a lot of flexibility. The SAB 88C166(W)’s on-chip bootstrap loader may be
used to load and start the programming code.
To save the customer’s know-how, a Flash memory protection option is provided in the SAB
88C166(W). If this was activated once, Flash memory contents cannot be read from any location
outside the Flash memory itself.


Similar Part No. - SAB88C166W-5M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB8032 SIEMENS-SAB8032 Datasheet
635Kb / 18P
   8-Bit Sigle-Chip Microcontroller
SAB8032A SIEMENS-SAB8032A Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032A-N SIEMENS-SAB8032A-N Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032A-P SIEMENS-SAB8032A-P Datasheet
462Kb / 21P
   8-Bit Single-Chip Microcontroller
SAB8032B SIEMENS-SAB8032B Datasheet
635Kb / 18P
   8-Bit Sigle-Chip Microcontroller
More results

Similar Description - SAB88C166W-5M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C167CR-16F SIEMENS-C167CR-16F_1 Datasheet
857Kb / 63P
   16-Bit CMOS Single-Chip Microcontroller with 128 KByte Flash EPROM
C167CR-16F SIEMENS-C167CR-16F Datasheet
3Mb / 62P
   16-Bit CMOS Single-Chip Microcontroller with 128KByte Flash EPROM
logo
NXP Semiconductors
89C535 PHILIPS-89C535 Datasheet
221Kb / 35P
   CMOS single-chip 8-bit microcontrollers with FLASH program memory
1997 June 05
LPC2157 NXP-LPC2157_09 Datasheet
233Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157 PHILIPS-LPC2157 Datasheet
219Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers 512 kB flash, with 32 segment x 4 LCD driver
Rev. 02-9 February 2009
LPC2157 NXP-LPC2157 Datasheet
217Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash, with 32 segment x 4 LCD driver
Rev. 01-15 October 2008
logo
Siemens Semiconductor G...
C167CR-16RM SIEMENS-C167CR-16RM Datasheet
1Mb / 67P
   16-Bit CMOS Single-Chip Microcontrollers
logo
NXP Semiconductors
LPC2104 PHILIPS-LPC2104_15 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2104 NXP-LPC2104 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
LPC2106BBD48.151 NXP-LPC2106BBD48.151 Datasheet
200Kb / 41P
   Single-chip 32-bit microcontrollers; 128 kB ISP/IAP flash with 16/32/64 kB RAM
Rev. 07-20 June 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com