Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiA430DJ Datasheet(PDF) 10 Page - Analog Devices

Part # SiA430DJ
Description  20 V, 6 A Synchronous Step-Down
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SiA430DJ Datasheet(HTML) 10 Page - Analog Devices

Back Button SiA430DJ Datasheet HTML 6Page - Analog Devices SiA430DJ Datasheet HTML 7Page - Analog Devices SiA430DJ Datasheet HTML 8Page - Analog Devices SiA430DJ Datasheet HTML 9Page - Analog Devices SiA430DJ Datasheet HTML 10Page - Analog Devices SiA430DJ Datasheet HTML 11Page - Analog Devices SiA430DJ Datasheet HTML 12Page - Analog Devices SiA430DJ Datasheet HTML 13Page - Analog Devices SiA430DJ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADP2381
Data Sheet
Rev. 0 | Page 10 of 28
Figure 22. Precharged Output
Figure 23. Load Transient Response, 1 A to 5 A
Figure 24. Output Short Entry
Figure 25. External Synchronization
Figure 26. Line Transient Response, VIN from 10 V to 16 V, IOUT = 6 A
Figure 27. Output Short Recovery
CH2 5.00V
CH4 5.00A Ω
CH1 2.00V
CH3 5.00V
M2.00ms
A CH2
2.00V
1
3
2
4
T 49.60%
EN/SS
PGOOD
VOUT
IL
B
W
CH1 100mV
M200µs
A CH4
2.52 A
1
4
T 70.20%
CH4 2.00A Ω
VOUT (AC)
IOUT
B
W
CH2 10.0V
CH4 5.00A Ω
CH1 2.00V
M10.00ms
A CH1
1.96V
1
2
4
T 30.40%
VOUT
SW
IL
B
W
CH2 10.0V
M1.00µs
A CH2
7.00V
3
2
T 50.00%
CH3 5.00V
SYNC
SW
B
W
CH2 10.0V
CH1 20.0mV
CH3 5.00V
M1.00ms
A CH3
13.5V
1
2
3
T 20.20%
VOUT (AC)
SW
VIN
IL
B
W
B
W
B
W
CH2 10.0V
CH4 5.00A Ω
CH1 2.00V
M10.00ms
A CH1
1.96V
1
2
4
T 60.40%
VOUT
SW
IL
B
W


Similar Part No. - SiA430DJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA430DJ VISHAY-SIA430DJ Datasheet
226Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-08
logo
Analog Devices
SiA430DJ AD-SiA430DJ Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
SiA430DJ AD-SiA430DJ Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
Vishay Telefunken
SIA430DJ TFUNK-SIA430DJ Datasheet
207Kb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SIA430DJ-T1-GE3 VISHAY-SIA430DJ-T1-GE3 Datasheet
226Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-08
More results

Similar Description - SiA430DJ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
logo
Analog Devices
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Texas Instruments
TPS50601VTDC2 TI-TPS50601VTDC2 Datasheet
168Kb / 5P
[Old version datasheet]   1.6-V TO 6.3-V INPUT, 6-A SYNCHRONOUS STEP DOWN SWIFT CONVERTER
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com