Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA2516-5 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SDA2516-5
Description  Nonvolatile Memory 1-Kbit E2PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDA2516-5 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SDA2516-5 Datasheet HTML 1Page - Siemens Semiconductor Group SDA2516-5 Datasheet HTML 2Page - Siemens Semiconductor Group SDA2516-5 Datasheet HTML 3Page - Siemens Semiconductor Group SDA2516-5 Datasheet HTML 4Page - Siemens Semiconductor Group SDA2516-5 Datasheet HTML 5Page - Siemens Semiconductor Group SDA2516-5 Datasheet HTML 6Page - Siemens Semiconductor Group SDA2516-5 Datasheet HTML 7Page - Siemens Semiconductor Group SDA2516-5 Datasheet HTML 8Page - Siemens Semiconductor Group SDA2516-5 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Semiconductor Group
6
SDA 2516-5
a ninth acknowledge clock pulse, the memory component sets the SDA line to low as a confirmation
of reception, if the chip select conditions have been met. During the output of data, the data output
of the memory is high in impedance during the ninth clock pulse (acknowledge master).
The signal timing required for the operation of the I2C Bus is summarized in figure 2.
Control Functions of the I2C Bus
The memory component is controlled by the controller (master) via the I2C Bus in two operating
modes: read-out cycle, and reprogramming cycle, including erase and write to a memory address.
In both operating modes, the controller, as transmitter, has to provide 3 bytes and an additional
acknowledge clock pulse to the bus after the start condition. During a memory read, at least nine
additional clock pulses are required to accept the data from the memory and the acknowledge
master, before the stop condition may follow. In the case of programming, the active programming
process is only started by the stop condition after data input (see figure 3).
The chip select word contains the 3 chip select bits CS0, CS1 and CS2, thus allowing 8 memory
chips to be connected in parallel. Chip select is achieved when the three control bits logically
correspond to the selected conditions at the select inputs.
Check for End of Programming or Abortion of Programming Process
If the chip is addressed during active reprogramming by entering CS/E, the programming process
is terminated. If, however, it is addressed by entering CS/A, the entry will be ignored. Only after
programming has been terminated will the chip respond to CS/A. This allows the user to check
whether the end of the programming process has been reached (see figure 3).
Memory Read
After the input of the first two control words CS/E and WA, the resetting of the start condition and the
input of a third control word CS/A, the memory is set ready to read. During acknowledge clock
nine, the memory information is transferred in parallel mode to the shift register. Subsequent to the
trailing edge of the acknowledge clock, the data output is low impedance and the first data bit can
be sampled, (see figure 4).
With every shift clock, an additional bit reaches the output. After reading a byte, the internal address
counter is automatically incremented when the master receiver switches the data line to “low” during
the ninth clock (acknowledge master). Any number of memory locations can thus be read one after
the other. At address 128, an overflow to address 0 is not initiated. With the stop condition, the data
output returns to high-impedance mode. The internal sequence control of the memory component
is reset from the read to the quiescent with the stop condition.


Similar Part No. - SDA2516-5

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA2511CDN LEIDITECH-SDA2511CDN Datasheet
1Mb / 3P
   BIDIRECTIONAL TVS DIODE
More results

Similar Description - SDA2516-5

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDE2506 SIEMENS-SDE2506 Datasheet
416Kb / 10P
   NONVOLATILE MEMORY 1-KBIT E2PROM
SDA2506-5 SIEMENS-SDA2506-5 Datasheet
147Kb / 10P
   Nonvolatile Memory 1-Kbit E2PROM
SDA2526-5 SIEMENS-SDA2526-5 Datasheet
273Kb / 12P
   Nonvolatile Memory 2-Kbit E2PROM with I2C Bus
SDA2546-5 SIEMENS-SDA2546-5 Datasheet
142Kb / 12P
   Nonvolatile Memory 4-Kbit E2PROM with I2C Bus Interface
SDE2526 SIEMENS-SDE2526 Datasheet
232Kb / 10P
   Nonvolatile Memory 2-Kbit E2PROM with I2C Bus Interface with Extended Temperature Range
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
SDA2586 SIEMENS-SDA2586 Datasheet
493Kb / 14P
   NONVOLATILE MEMORY 8-KBIT EPROM WITH IC BUS INTERFACE
logo
Dallas Semiconductor
DS2502 DALLAS-DS2502_07 Datasheet
737Kb / 22P
   1 kbit Add-Only Memory
DS2502 DALLAS-DS2502 Datasheet
451Kb / 3P
   1 kbit Add-Only Memory
logo
IC-Haus GmbH
IC-RMF ICHAUS-IC-RMF Datasheet
244Kb / 5P
   NONVOLATILE FRAM MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com