Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0009011108 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0009011108
Description  3.96mm Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Polarized,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0009011108 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0009011108 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/23/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
09-01-1108
Status:
Active
Description:
3.96mm Pitch KK® Crimp Housing, Edge Card Connector, Single-Sided, Polarized,
Positive Lock, 10 Circuits
Documents:
3D Model
Packaging Specification PK-6422-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Edge Card Connectors
Series
6422
Comments
Wire to Card Edge
Component Type
Edgecard to Wire
Product Name
Edge Card, KK®
Physical
(p)ower-(s)ignal Configuration
9s - 0p
Circuits (Loaded)
9
Circuits (maximum)
10
Color - Resin
Natural
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Plating Mating
n/a
Material - Resin
Nylon
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface
3.96mm
Polarized to Mating Part
Yes
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
N/A
Electrical
Current - Maximum per Contact
4.25A, 4.5A, 4.75A, 4A, 5A
Voltage - Maximum
250V
Material Info
Old Part Number
6422-10H5
Reference - Drawing Numbers
Packaging Specification
PK-6422-001
Sales Drawing
SD-6422
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
6422Series
Mates With
PCB, 1.60mm max. thickness
Use With
2878 Terminals, 2478 Terminals, 2578
Terminals, Bifurcated
This document was generated on 05/23/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0009011108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0009011038 MOLEX11-0009011038 Datasheet
196Kb / 2P
   EDGE CARD CONNECTOR .156 / (3.96) CL CRIMP 2574 WITH HOOJ
More results

Similar Description - 0009011108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0009016031 MOLEX1-0009016031 Datasheet
379Kb / 5P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, Without Flange, 3 Circuits
0009016081 MOLEX1-0009016081 Datasheet
378Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 8 Circuits
0009017064 MOLEX1-0009017064 Datasheet
371Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided,Surface Mount, Polarized, With Flange, 6 Circuits
0009016082 MOLEX1-0009016082 Datasheet
378Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 6 Circuits
0009017031 MOLEX1-0009017031 Datasheet
371Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, With Flange, 3 Circuits
0014600037 MOLEX1-0014600037 Datasheet
173Kb / 3P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, With Flange, 5 Circuits
0009016221 MOLEX1-0009016221 Datasheet
378Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 22 Circuits
0009016151 MOLEX1-0009016151 Datasheet
379Kb / 5P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 15 Circuits
0009016051 MOLEX1-0009016051 Datasheet
378Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, Without Flange, 5 Circuits
0009017051 MOLEX1-0009017051 Datasheet
371Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Housing, Edge Card Connector, Single-Sided, Surface Mount, Polarized, With Flange, 5 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com