Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5195-3 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5195-3
Description  SPOX 3.96 PITCH RECEPTACLE HOUSING
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5195-3 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5195-3 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 5195-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5195-02 MOLEX1-5195-02 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch SPOX??Crimp Housing, Female, With Friction Ramp, 2 Circuits
5195-03 MOLEX1-5195-03 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch SPOX??Crimp Housing, Female, With Friction Ramp, 3 Circuits
5195-04 MOLEX1-5195-04 Datasheet
108Kb / 2P
    3.96mm (.156") Pitch SPOX??Crimp Housing, Female, With Friction Ramp, 4 Circuits
5195-05 MOLEX1-5195-05 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch SPOX??Crimp Housing, Female, With Friction Ramp, 5 Circuits
5195-06 MOLEX1-5195-06 Datasheet
108Kb / 2P
   3.96mm (.156") Pitch SPOX??Crimp Housing, Female, With Friction Ramp, 6 Circuits
More results

Similar Description - 5195-3

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-50-1023 MOLEX11-09-50-1023 Datasheet
76Kb / 1P
   SPOX 7.92 / 3.96 REC HSG
logo
TE Connectivity Ltd
C-2132781 TEC-C-2132781 Datasheet
210Kb / 1P
   RECEPTACLE HOUSING, ECONOMY POWER II, 3.96 CENTERLINE W/ RETAINING FEATURES
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0455790008 MOLEX1-0455790008_17 Datasheet
33Kb / 1P
   2.50mm Pitch SPOX BMI Receptacle Housing, Panel Mount, 8 Circuits
0455790001 MOLEX1-0455790001_17 Datasheet
33Kb / 1P
   2.50mm Pitch SPOX BMI Receptacle Housing, Panel Mount, 6 Circuits
45579-0008 MOLEX11-45579-0008 Datasheet
40Kb / 1P
   2.50mm Pitch SPOX??BMI Receptacle Housing, Panel Mount, 8 Circuits
45579-0001 MOLEX11-45579-0001 Datasheet
40Kb / 1P
   2.50mm Pitch SPOX??BMI Receptacle Housing, Panel Mount, 6 Circuits
51144-1000 MOLEX-51144-1000 Datasheet
125Kb / 2P
   3.96 WIRE TO BOARD CONNECTOR HOUSING
43061-0007 MOLEX11-43061-0007 Datasheet
39Kb / 1P
   3.96mm Pitch SPOX??Housing, 7 Circuits
43061-0021 MOLEX11-43061-0021 Datasheet
38Kb / 1P
   3.96mm Pitch SPOX??Housing, 10 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com