Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1018LP4E Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC1018LP4E
Description  1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1018LP4E Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC1018LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC1018LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC1018LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC1018LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC1018LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC1018LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC1018LP4E Datasheet HTML 8Page - Hittite Microwave Corporation HMC1018LP4E Datasheet HTML 9Page - Hittite Microwave Corporation HMC1018LP4E Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
HMC1018LP4E
v01.1211
1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
ATTENUATOR, 0.1 - 30 GHz
Notes:


Similar Part No. - HMC1018LP4E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1018ALP4E AD-HMC1018ALP4E Datasheet
2Mb / 5P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
More results

Similar Description - HMC1018LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC939LP4 HITTITE-HMC939LP4 Datasheet
712Kb / 8P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL 1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC939LP4 HITTITE-HMC939LP4_12 Datasheet
922Kb / 8P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC941LP4 HITTITE-HMC941LP4_12 Datasheet
904Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
HMC1019LP4E HITTITE-HMC1019LP4E Datasheet
846Kb / 10P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
logo
Analog Devices
HMC939ALP4 AD-HMC939ALP4 Datasheet
2Mb / 4P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 33 GHz
HMC1018ALP4E AD-HMC1018ALP4E Datasheet
2Mb / 5P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 30 GHz
logo
Hittite Microwave Corpo...
HMC939 HITTITE-HMC939 Datasheet
699Kb / 6P
   1.0 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.1 - 40 GHz
HMC290 HITTITE-HMC290_09 Datasheet
158Kb / 4P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com