Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0008-50-0024 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0008-50-0024
Description  TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0008-50-0024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0008-50-0024 Datasheet HTML 1Page - Molex Electronics Ltd. 0008-50-0024 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 0008-50-0024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0008-50-0109 MOLEX11-0008-50-0109 Datasheet
71Kb / 1P
   CRIMP TERMINAL , 156 18 TO 24 AWG WIRE
0008-50-0116 MOLEX11-0008-50-0116 Datasheet
103Kb / 2P
   TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
0008-50-0119 MOLEX1-0008-50-0119 Datasheet
242Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Reel, Brass Tin (Sn)
0008-50-0159 MOLEX11-0008-50-0159 Datasheet
174Kb / 2P
   CRIMP TERMINAL 22-30 GA WIRE
0008-50-0400 MOLEX11-0008-50-0400 Datasheet
147Kb / 7P
   KK.045 SQ PIN LOOSE
More results

Similar Description - 0008-50-0024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-50-0105 MOLEX11-08-50-0105 Datasheet
225Kb / 2P
   CRIMP TERMINAL .156 CENTERS 18 TO 24 GA WIRE
008-56-0113 MOLEX11-008-56-0113 Datasheet
71Kb / 1P
   CRIMP TERMINAL , 156 18 TO 24 AWG WIRE
08-50-0107 MOLEX11-08-50-0107 Datasheet
184Kb / 2P
   CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
0008500189 MOLEX1-0008500189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6838, 18-20 AWG, Bag, Brass Tin (Sn)
0008580189 MOLEX1-0008580189 Datasheet
161Kb / 3P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Bag, Phosphor Bronze Gold (Au)
0008580187 MOLEX1-0008580187 Datasheet
258Kb / 4P
   Trifurcon??Crimp Terminal 6438, 18-20 AWG, Reel, Phosphor Bronze Gold (Au)
0357470310 MOLEX5-0357470310 Datasheet
110Kb / 2P
   Crimp Terminal 35747, 1818, 2020 AWG
0357480310 MOLEX5-0357480310 Datasheet
127Kb / 2P
   Crimp Terminal 35748, 1818, 2020 AWG
0357450310 MOLEX5-0357450310 Datasheet
115Kb / 3P
   Crimp Terminal 35745, 1818, 2020 AWG
0357460310 MOLEX5-0357460310 Datasheet
94Kb / 2P
   Crimp Terminal 35746, 1818, 2020 AWG
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com