Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1024 Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC1024
Description  GaAs pHEMT MMIC 1 WATT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1024 Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC1024 Datasheet HTML 2Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 3Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 4Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 5Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 6Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 7Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 8Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 9Page - Hittite Microwave Corporation HMC1024 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
10
HMC1024
v00.0312
GaAs pHEMT MMIC 1 WATT
POWER AMPLIFIER, 27.5 - 33.5 GHz
Notes:


Similar Part No. - HMC1024

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1020LP4E HITTITE-HMC1020LP4E Datasheet
1Mb / 22P
   RMS POWER DETECTOR SINGLE-ENDED, DC - 3.9 GHz
logo
Analog Devices
HMC1020LP4E AD-HMC1020LP4E Datasheet
2Mb / 24P
   RMS POWER DETECTOR SINGLE-ENDED
logo
Honeywell Solid State E...
HMC1021 HONEYWELL-HMC1021 Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Accelerometer...
HMC1021 HONEYWELL-ACC-HMC1021 Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Honeywell Solid State E...
HMC1021D HONEYWELL-HMC1021D Datasheet
628Kb / 15P
   1- and 2-Axis Magnetic Sensors
More results

Similar Description - HMC1024

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC590 AD-HMC590 Datasheet
402Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER
HMC590LP5E AD-HMC590LP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC797APM5E AD-HMC797APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC637ALP5E AD-HMC637ALP5E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
HMC863ALC4 AD-HMC863ALC4 Datasheet
915Kb / 11P
   GaAs pHEMT MMIC 1/2 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC969 HITTITE-HMC969 Datasheet
859Kb / 10P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 40 - 43.5 GHz
HMC864_1007 HITTITE-HMC864_1007 Datasheet
722Kb / 8P
   GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER, 24 - 29.5 GHz
HMC592 HITTITE-HMC592_09 Datasheet
292Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10 - 13 GHz
HMC590 HITTITE-HMC590 Datasheet
377Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 10.0 GHz
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com