Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1031MS8E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC1031MS8E
Description  CLOCK GENERATOR WITH INTEGER-N PLL
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1031MS8E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC1031MS8E Datasheet HTML 1Page - Hittite Microwave Corporation HMC1031MS8E Datasheet HTML 2Page - Hittite Microwave Corporation HMC1031MS8E Datasheet HTML 3Page - Hittite Microwave Corporation HMC1031MS8E Datasheet HTML 4Page - Hittite Microwave Corporation HMC1031MS8E Datasheet HTML 5Page - Hittite Microwave Corporation HMC1031MS8E Datasheet HTML 6Page - Hittite Microwave Corporation HMC1031MS8E Datasheet HTML 7Page - Hittite Microwave Corporation HMC1031MS8E Datasheet HTML 8Page - Hittite Microwave Corporation HMC1031MS8E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC1031MS8E
v00.0312
CLOCK GENERATOR WITH INTEGER-N PLL
0.1 - 500 MHz
Electrical Specifications
t
a = +25 °C, VCC = 3.3 V, Unless otherwise specified.
Parameter
Conditions
Min
typ
Max
Units
Power supply Voltage
2.7
3.3
3.5
V
operating temperature
-40
27
85
°C
reference Frequency
externally aC coupled [1]
140
MHz
VCo Frequency
500
MHz
Charge Pump Current
50
µa
Input Voltage swing (reference &
VCo Inputs) [2]
exernally aC Coupled to the Chip.
0.1
3.5
Vpp
REF, VCO Input DC Bias
0.5*VCC approximately
1.65
V
Input Duty Cycle
40
60
%
Charge Pump output range
0.2 to VCC - 0.4 V typically[3]
Input Impedance at 50 MHz
applicable to reF an VCo Input Pins.
3600
||4
Ω||pF
Divide ratios
VCo/VCXo Feedback Divider
1/5/10
Phase noise [4]
Floor Figure of Merit
Flicker Figure of Merit
Divide-by 10
-212
-254
-208
-252
-204
-248
dBc/Hz
dBc/Hz
Flicker noise at foffset
Pnflick = Flicker FoM +20log(fvcxo) -10log(foffset)
dBc/Hz
Phase noise Floor at fvcxo with fpd
Pnfloor = Floor FoM + 10log(fpd) +20log(fvcxo/fpd)
dBc/Hz
supply Current
[5]
100 MHz reF=VCXo, 3.3 V VCC
1.95
ma
Power Down Current [6]
[D0,D1 = 00]
3.0 V VCC, 25 °C
3.3 V VCC, 85 °C
3.6 V VCC, 85°C
0.05
0.8
1
ua
ua
ua
lock Detect output Current
CMos output level
3
ma
[1] the lower limit of operation is limited by off-chip aC coupling. the size of the aC coupling should be chosen to have insignificant impedance
relative to the 3.6kohm input impedance of the part, and any termination impedances on the evaluation board (50ohm by default).
[2]reF and VCo inputs should be aC coupled to HMC1031Ms8e. Peak Input level should not exceed VCC+0.4 V with respect to GnD.
[3] Pll may lock in the voltage range of 0.2 to VCC - 0.4 V. However, the charge pump gain may be reduced. see Figure 9 CP Compliance
[4] see Figure 15, 16 for addional Flicker FoM and Floor FoM data.
[5] See Figure 10 for additional supply current data. Base Frequency 100MHz, Base VCC: 3.3V, 0.8 to 1mA/V, Base PFD current: 1.8 mA, 8 μA/
MHz Base DIV current: 1.15mA, 15 μA/MHz. For example, the device current for a 10 MHz ref and 50 MHz VCO at 3.0 V VCC can be calculated as
PFD Current delta = (10-100)*8e-6 = -0.72, DIV current delta = (50-100)*15e-6=-0.75 ma, Device current = (1.8-0.72)+(1.15-0.75)=1.48 ma at 3.3V
VCC
at 3 V VCC device current would be approx: 1.48 - 0.85e-3*(3.3-3.0) = 1.225 ma
[6] In Power down mode, the reF/VCo inputs and charge pump outputs are tri-stated. the power down leakage current is measured without any
signal applied to HMC1031Ms8e.


Similar Part No. - HMC1031MS8E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1031MS8E AD-HMC1031MS8E Datasheet
355Kb / 13P
   0.1MHz to 500 MHz Clock Generator with Integer N PLL
HMC1031MS8ETR AD-HMC1031MS8ETR Datasheet
355Kb / 13P
   0.1MHz to 500 MHz Clock Generator with Integer N PLL
More results

Similar Description - HMC1031MS8E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1031 AD-HMC1031 Datasheet
355Kb / 13P
   0.1MHz to 500 MHz Clock Generator with Integer N PLL
logo
Hittite Microwave Corpo...
HMC1032LP6GE HITTITE-HMC1032LP6GE Datasheet
931Kb / 12P
   Clock Generator with Fractional-N PLL
HMC1034LP6GE HITTITE-HMC1034LP6GE Datasheet
1Mb / 14P
   Clock Generator with Fractional-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
logo
Integrated Device Techn...
ICS514 IDT-ICS514 Datasheet
192Kb / 7P
   PLL CLOCK GENERATOR
logo
Texas Instruments
TRF3765 TI1-TRF3765_15 Datasheet
1Mb / 52P
[Old version datasheet]   Integer-N/Fractional-N PLL With Integrated VCO
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com