Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM6726DWJ12 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM6726DWJ12
Description  128K x 8 Bit Fast Static Random Access Memory
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM6726DWJ12 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM6726DWJ12 Datasheet HTML 1Page - Motorola, Inc MCM6726DWJ12 Datasheet HTML 2Page - Motorola, Inc MCM6726DWJ12 Datasheet HTML 3Page - Motorola, Inc MCM6726DWJ12 Datasheet HTML 4Page - Motorola, Inc MCM6726DWJ12 Datasheet HTML 5Page - Motorola, Inc MCM6726DWJ12 Datasheet HTML 6Page - Motorola, Inc MCM6726DWJ12 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MCM6726D
2
MOTOROLA FAST SRAM
TRUTH TABLE (X = Don’t Care)
E
G
W
Mode
VCC Current
Output
Cycle
H
X
X
Not Selected
ISB1, ISB2
High–Z
L
H
H
Output Disabled
ICCA
High–Z
L
L
H
Read
ICCA
Dout
Read Cycle
L
X
L
Write
ICCA
High–Z
Write Cycle
ABSOLUTE MAXIMUM RATINGS (See Note)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to + 7.0
V
Voltage Relative to VSS for Any Pin Except
VCC
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current
Iout
± 30
mA
Power Dissipation
PD
1.2
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Operating Temperature
TA
0 to + 70
°C
Storage Temperature — Plastic
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VCC = 5.0 V ± 10%, TA = 0 to 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage (Operating Voltage Range)
VCC
4.5
5.0
5.5
V
Input High Voltage
VIH
2.2
VCC + 0.3**
V
Input Low Voltage
VIL
– 0.5
*
0.8
V
*VIL (min) = –0.5 V dc; VIL (min) = –2.0 V ac (pulse width ≤ 2.0 ns) for I ≤ 20.0 mA.
** VIH (max) = VCC + 0.3 V dc; VIH (max) = VCC + 2 V ac (pulse width ≤ 2.0 ns) for I ≤ 20.0 mA.
DC CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VCC)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH, Vout = 0 to VCC)
Ilkg(O)
± 1.0
µA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
POWER SUPPLY CURRENTS
Parameter
Symbol
6726D–8
6726D–10
6726D–12
Unit
Notes
AC Active Supply Current (Iout = 0 mA) (VCC = max, f = fmax)
ICCA
195
175
165
mA
1, 2, 3
Active Quiescent Current (E = VIL, VCC = max, f = 0 MHz)
ICC2
100
100
100
mA
AC Standby Current (E = VIH, VCC = max, f = fmax)
ISB1
60
60
60
mA
1, 2, 3
CMOS Standby Current (VCC = max, f = 0 MHz, E ≥ VCC – 0.2 V,
Vin ≤ VSS + 0.2 V, or ≥ VCC – 0.2 V)
ISB2
20
20
20
mA
NOTES:
1. Reference AC Operating Conditions and Characteristics for input and timing (VIH/VIL, tr/tf, pulse level 0 to 3.0 V, VIH = 3.0 V).
2. All addresses transition simultaneously low (LSB) and then high (MSB).
3. Data states are all zero.
This device contains circuitry to protect the
inputs against damage due to high static volt-
ages or electric fields; however, it is advised
that normal precautions be taken to avoid appli-
cation of any voltage higher than maximum
rated voltages to these high–impedance cir-
cuits.
This BiCMOS memory circuit has been de-
signed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established. The circuit is in a test
socket or mounted on a printed circuit board
and transverse air flow of at least 500 linear feet
per minute is maintained.


Similar Part No. - MCM6726DWJ12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ6 MOTOROLA-MCM6726CWJ6 Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ6R MOTOROLA-MCM6726CWJ6R Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ7 MOTOROLA-MCM6726CWJ7 Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6726CWJ7R MOTOROLA-MCM6726CWJ7R Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
More results

Similar Description - MCM6726DWJ12

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6341 MOTOROLA-MCM6341 Datasheet
124Kb / 10P
   128K x 24 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6246 MOTOROLA-MCM6246 Datasheet
126Kb / 8P
   512K x 8 Bit Static Random Access Memory
MCM6706AR MOTOROLA-MCM6706AR Datasheet
152Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706BR MOTOROLA-MCM6706BR Datasheet
114Kb / 7P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com