Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1042LC4 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC1042LC4
Description  GaAs MMIC I/Q MIXER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1042LC4 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

Back Button HMC1042LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC1042LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC1042LC4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC1042LC4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC1042LC4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC1042LC4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC1042LC4 Datasheet HTML 10Page - Hittite Microwave Corporation HMC1042LC4 Datasheet HTML 11Page - Hittite Microwave Corporation HMC1042LC4 Datasheet HTML 12Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
HMC1042LC4
v00.1111
GaAs MMIC I/Q MIXER
15 - 33.5 GHz
Input P1dB, LSB vs. Temperature
Input IP3, LSB vs. Temperature
Data Taken As IRM with External IF 90° Hybrid, IF = 1000 MHz
0
4
8
12
16
20
14
18
22
26
30
34
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
5
10
15
20
25
30
14
18
22
26
30
34
+25C
+85C
-40C
RF FREQUENCY (GHz)
Input IP3, LSB vs LO Drive
5
10
15
20
25
30
14
18
22
26
30
34
+13 dBm
+15 dBm
+17 dBm
RF FREQUENCY (GHz)


Similar Part No. - HMC1042LC4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMC1042L HONEYWELL-HMC1042L Datasheet
409Kb / 6P
   2-Axis Magnetic Sensor
logo
Honeywell Accelerometer...
HMC1042L HONEYWELL-ACC-HMC1042L Datasheet
414Kb / 6P
   2-Axis Magnetic Sensor
HMC1042L-TR HONEYWELL-ACC-HMC1042L-TR Datasheet
414Kb / 6P
   2-Axis Magnetic Sensor
More results

Similar Description - HMC1042LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
logo
Analog Devices
HMC521ALC4 AD-HMC521ALC4 Datasheet
449Kb / 24P
   GaAs, MMIC, I/Q Mixer
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
   GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
   GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com