Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-41815-0018 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # A-41815-0018
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41815-0018 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  A-41815-0018 Datasheet HTML 1Page - Molex Electronics Ltd. A-41815-0018 Datasheet HTML 2Page - Molex Electronics Ltd. A-41815-0018 Datasheet HTML 3Page - Molex Electronics Ltd. A-41815-0018 Datasheet HTML 4Page - Molex Electronics Ltd. A-41815-0018 Datasheet HTML 5Page - Molex Electronics Ltd. A-41815-0018 Datasheet HTML 6Page - Molex Electronics Ltd. A-41815-0018 Datasheet HTML 7Page - Molex Electronics Ltd. A-41815-0018 Datasheet HTML 8Page - Molex Electronics Ltd. A-41815-0018 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 4 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
BOTTOM ENTRY
Assy. Proc:
TOP ENTRY
Assy. Proc:
Assy. Proc:
Housing No:
41815-N-AN
Housing No:
41815-N-AN
Housing No:
Housing No:
Options
WITH RAMP
Options
WITH RAMP
Options
Options
Terminal No:
2188-1-P909
Terminal No:
2144-AA-A1AA-P909B
Terminal No:
Terminal No:
Term Matl:
BRASS
Term Matl:
BRASS
Term Matl:
Term Matl:
Plating:
P909 – TIN
Plating:
P909 – TIN
Plating:
Plating:
Dim C:
(3.18) / .125
Dim C:
(3.05) / .120
Dim C:
Dim C:
Voids:
NONE
Voids:
NONE
Voids:
Voids:
Hooks Cut:
NO
Hooks Cut:
YES
Hooks Cut:
Hooks Cut:
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
Packaging:
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
09-48-2022
A-41815-0100
09-48-2025
A-41815-0114
3
09-48-2032
A-41815-0101
09-48-2035
A-41815-0115
4
09-48-2042
A-41815-0102
09-48-2045
A-41815-0116
5
09-48-2052
A-41815-0103
09-48-2055
A-41815-0117
6
09-48-2062
A-41815-0104
09-48-2065
A-41815-0118
7
09-48-2072
A-41815-0105
09-48-2075
A-41815-0119
8
09-48-2082
A-41815-0106
09-48-2085
A-41815-0120
9
09-48-2092
A-41815-0107
09-48-2095
A-41815-0121
10
09-48-2102
A-41815-0108
09-48-2105
A-41815-0122
11
09-48-2112
A-41815-0109
09-48-2115
A-41815-0123
12
09-48-2122
A-41815-0110
09-48-2125
A-41815-0124
13
09-48-2132
A-41815-0111
09-48-2135
A-41815-0125
14
09-48-2142
A-41815-0112
09-48-2145
A-41815-0126
15
09-48-2152
A-41815-0113
09-48-2155
A-41815-0127


Similar Part No. - A-41815-0018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41815-0018 MOLEX-A-41815-0018 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
More results

Similar Description - A-41815-0018

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com