Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08-58-0115 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 08-58-0115
Description  CRIMP TERMINAL .156 CENTERS 18 TO 24 GA WIRE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

08-58-0115 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  08-58-0115 Datasheet HTML 1Page - Molex Electronics Ltd. 08-58-0115 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 08-58-0115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-58-0115 MOLEX1-08-58-0115 Datasheet
242Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2478, 18-24 AWG, Reel, Brass Tin (Sn)
More results

Similar Description - 08-58-0115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-50-0107 MOLEX11-08-50-0107 Datasheet
184Kb / 2P
   CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
008-56-0113 MOLEX11-008-56-0113 Datasheet
71Kb / 1P
   CRIMP TERMINAL , 156 18 TO 24 AWG WIRE
08-50-0187 MOLEX11-08-50-0187 Datasheet
283Kb / 2P
   TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
08-55-0101 MOLEX11-08-55-0101 Datasheet
174Kb / 2P
   CRIMP TERMINAL 22-30 GA WIRE
0008500113-12-W6 MOLEX11-0008500113-12-W6 Datasheet
164Kb / 2P
   CRIMP TERMINAL 22-30 GA WIRE
08500113 MOLEX-08500113 Datasheet
210Kb / 2P
   CRIMP TERMINAL 22-30 GA WIRE
2022/02/28
0008500113-02-A1-D MOLEX11-0008500113-02-A1-D Datasheet
164Kb / 2P
   CRIMP TERMINAL, 22-30 GA WIRE
02-06-1131 MOLEX2-02-06-1131 Datasheet
106Kb / 1P
   CRIMP TERMINAL, FEMALE (1.57)/.062 DIA., BRASS FOR 24 THRU 30 GA. WIRE
0002062101-02-A2-D MOLEX11-0002062101-02-A2-D Datasheet
108Kb / 1P
   CRIMP TERMINAL, MALE.062 DIA. FOR 18-24 AWG WIRE
02-06-5102 MOLEX11-02-06-5102 Datasheet
106Kb / 1P
   CRIMP TERMINAL, FEMALE .062 DIA. FOR 18-24 AWG WIRE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com