Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC829LP6GE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC829LP6GE
Description  FRACTIONAL-N PLL WITH INTEGRATED VCO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC829LP6GE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC829LP6GE Datasheet HTML 1Page - Hittite Microwave Corporation HMC829LP6GE Datasheet HTML 2Page - Hittite Microwave Corporation HMC829LP6GE Datasheet HTML 3Page - Hittite Microwave Corporation HMC829LP6GE Datasheet HTML 4Page - Hittite Microwave Corporation HMC829LP6GE Datasheet HTML 5Page - Hittite Microwave Corporation HMC829LP6GE Datasheet HTML 6Page - Hittite Microwave Corporation HMC829LP6GE Datasheet HTML 7Page - Hittite Microwave Corporation HMC829LP6GE Datasheet HTML 8Page - Hittite Microwave Corporation HMC829LP6GE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC829LP6GE
v01.0911
FRACTIONAL-N PLL WITH INTEGRATED VCO
45 - 1050, 1400 - 2100, 2800 - 4200 MHz
Parameter
condition
Min.
typ.
Max.
Units
REF Input Characteristics
Max ref input Frequency
350
Mhz
ref input voltage
ac coupled
[2]
1
2
3.3
vp-p
ref input capacitance
5
pF
14-Bit r-divider range
1
16,383
Phase Detector (PD) [3]
Pd Frequency Fractional Mode B
[4]
dc
100
Mhz
Pd Frequency Fractional Mode a (and register
6 [17:16] = 11)
dc
80
Mhz
Pd Frequency integer Mode
dc
125
Mhz
Charge Pump
output current
0.02
2.54
ma
charge Pump gain step size
20
µa
Pd/charge Pump ssB Phase noise
50 Mhz ref, input referred
1 khz
-143
dBc/hz
10 khz
add 1 dB for Fractional
-150
dBc/hz
100 khz
add 3 dB for Fractional
-153
dBc/hz
Logic Inputs
vsw
40
50
60
% dvdd
Logic Outputs
voh output high voltage
dvdd
v
voL output Low voltage
0
v
output impedance
100
200
Ω
Maximum Load current
1.5
ma
Power Supply Voltages
3.3 v supplies
avdd, vcchF, vccPs,
vccPd, rvdd,dvdd
3.0
3.3
3.5
v
5 v supplies
vPPcP, vddLs, vcc1, vcc2
4.8
5
5.2
v
Power Supply Currents
+5v analog charge Pump
vPPcP, vddLs
8
ma
+5v vco core and vco Buffer
fo/1 Mode vcc2
105
ma
fo/n Mode vcc2
80
ma
+5v vco divider and rF/PLL Buffer
single-ended output Mode
fo/1 Mode vcc1
25
ma
differential output Mode
fo/1 Mode vcc1
40
ma
single-ended output Mode
fo/n Mode vcc1
80
100
ma
differential output Mode
fo/n Mode vcc1
95
115
ma
Electrical Specifications (Continued)
[3] slew rate of greater or equal to 0.5 ns/v is recommended, see PLL with integrated rF vcos operating guide for more details. Frequency is
guaranteed across process voltage and temperature from -40 °c to 85 °c.
[4] this maximum phase detector frequency can only be achieved if the minimum n value is respected. eg. in the case of fractional feedback
mode, the maximum PFd rate = fvco/20 or 100 Mhz, whichever is less.


Similar Part No. - HMC829LP6GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC829LP6GE HITTITE-HMC829LP6GE Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
HMC829LP6GE HITTITE-HMC829LP6GE Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
logo
Analog Devices
HMC829LP6GE AD-HMC829LP6GE Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC829LP6GE_1109 HITTITE-HMC829LP6GE_1109 Datasheet
1Mb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO 45 - 1050, 1400 - 2100, 2800 - 4200 MHz
More results

Similar Description - HMC829LP6GE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
HMC840LP6CE AD-HMC840LP6CE Datasheet
783Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com