Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67000-A5186 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # Q67000-A5186
Description  Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-A5186 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  Q67000-A5186 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-A5186 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-A5186 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-A5186 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-A5186 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-A5186 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-A5186 Datasheet HTML 7Page - Siemens Semiconductor Group Q67000-A5186 Datasheet HTML 8Page - Siemens Semiconductor Group Q67000-A5186 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Decoder for Program Delivery
Control and Video Program System
PDC / VPS Decoder
CMOS IC
P-DIP-14-3
P-DSO-20-1
Features
q
Single-chip receiver for PDC data, broadcast either
– in Broadcast Data Service Packet (BDSP) 8/30/2
according to CCIR teletext system B, or
– in dedicated line no. 16 of the vertical blanking interval
(VPS)
q
Reception of Unified Date and Time (UDT) broadcast in
BDSP 8/30/1
q
Low external components count
q
On-chip data and sync slicer
q I2C-Bus interface for communication with external
microcontroller
q
Selection of PDC/VPS operating mode software controlled
by I2C-Bus register
q
Pin and software compatible to VPS Decoder SDA 5642
q
Supply voltage: 5 V
± 10 %
q
Video input signal level: 0.7 Vpp to 1.4 Vpp
q
Technology: CMOS
q
Package: P-DIP-14-3 and P-DSO-20-1
q
Operating temperature range: 0 to 70
°C
Semiconductor Group
21
12.94
SDA 5648
SDA 5648X
Functional Description
The CMOS circuit SDA 5648 is intended for use in video cassette recorders to retrieve control data
of the PDC system from the data lines broadcast during the vertical blanking interval of a standard
video signal.
The SDA 5648 is devised to handle PDC data transported either in Broadcast Data Service Packet
(BDSP) 8/30 format 2 (bytes no. 13 through 25) of CCIR teletext system B or in the dedicated data
line no. 16 in the case of VPS.
Furthermore it is able to receive the Unified Date and Time (UDT) information transmitted in bytes
no. 15 through 21 of packet 8/30 format 1.
Type
Ordering Code
Package
SDA 5648
Q67000-A5186
P-DIP-14-3
SDA 5648X
Q67006-A5198
P-DSO-20-1 Tape & Reel


Similar Part No. - Q67000-A5186

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-A5181 SIEMENS-Q67000-A5181 Datasheet
919Kb / 12P
   Dual Conversion AM Receiver
Q67000-A5183 SIEMENS-Q67000-A5183 Datasheet
923Kb / 39P
   Audioprocessor
Q67000-A5184 SIEMENS-Q67000-A5184 Datasheet
254Kb / 17P
   Multistandard Sound IF
More results

Similar Description - Q67000-A5186

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
SDA5650 SIEMENS-SDA5650 Datasheet
747Kb / 41P
   VPS / PDC-plus Decoder
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
Zilog, Inc.
Z8623012SSG ZILOG-Z8623012SSG Datasheet
1Mb / 61P
   ADVANCED PROGRAM BLOCKING AND NTSC LINE 21 XDS DECODER
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
   VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
NXP Semiconductors
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
logo
Toshiba Semiconductor
TC90104AFG TOSHIBA-TC90104AFG Datasheet
750Kb / 16P
   Multi System Video Decoder
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
logo
Motorola, Inc
MCD212 MOTOROLA-MCD212 Datasheet
872Kb / 87P
   Video Decoder and System Controller(with JTAG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com