Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08550123 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 08550123
Description  CRIMP TERMINAL (3.96)/.156 CENTERS 22 TO 26 GA WIRE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

08550123 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  08550123 Datasheet HTML 1Page - Molex Electronics Ltd. 08550123 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 08550123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0855025005 MOLEX9-0855025005 Datasheet
142Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 4/4
0855025006 MOLEX9-0855025006 Datasheet
142Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 6/4
0855025007 MOLEX9-0855025007 Datasheet
141Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 6/6
0855025008 MOLEX9-0855025008 Datasheet
142Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 8/8
0855025009 MOLEX9-0855025009 Datasheet
150Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT,4/4, Pin-in-Hole- Reflow
More results

Similar Description - 08550123

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
08-50-0105 MOLEX11-08-50-0105 Datasheet
225Kb / 2P
   CRIMP TERMINAL .156 CENTERS 18 TO 24 GA WIRE
08-55-0101 MOLEX11-08-55-0101 Datasheet
174Kb / 2P
   CRIMP TERMINAL 22-30 GA WIRE
0008500113-12-W6 MOLEX11-0008500113-12-W6 Datasheet
164Kb / 2P
   CRIMP TERMINAL 22-30 GA WIRE
08500113 MOLEX-08500113 Datasheet
210Kb / 2P
   CRIMP TERMINAL 22-30 GA WIRE
2022/02/28
0008500113-02-A1-D MOLEX11-0008500113-02-A1-D Datasheet
164Kb / 2P
   CRIMP TERMINAL, 22-30 GA WIRE
0639048200 MOLEX-0639048200 Datasheet
32Kb / 1P
   FineAdjust Applicator for 3.96 (.156") Wire-to-Wire Crimp Terminals, 22-24 AWG
08/25/2022
08-50-0187 MOLEX11-08-50-0187 Datasheet
283Kb / 2P
   TRIFURCON TERMINAL CRIMP TYPE, .156 CENTERS 18 TO 20 AWG WIRE
0008650116 MOLEX1-0008650116 Datasheet
162Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal 2578, 22-26 AWG
0639012300 MOLEX11-0639012300 Datasheet
32Kb / 1P
   FineAdjust Applicator for 3.96 Wire-to-Wire and Wire-to-Board Crimp Terminal
0639012200 MOLEX-0639012200 Datasheet
44Kb / 1P
   FineAdjust Applicator for 3.96 Wire-to-Wire and Wire-to-Board Crimp Terminal
12/21/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com