Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC954LC4B Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC954LC4B
Description  WITH PROGRAMMABLE OUTPUT VOLTAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC954LC4B Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC954LC4B Datasheet HTML 1Page - Hittite Microwave Corporation HMC954LC4B Datasheet HTML 2Page - Hittite Microwave Corporation HMC954LC4B Datasheet HTML 3Page - Hittite Microwave Corporation HMC954LC4B Datasheet HTML 4Page - Hittite Microwave Corporation HMC954LC4B Datasheet HTML 5Page - Hittite Microwave Corporation HMC954LC4B Datasheet HTML 6Page - Hittite Microwave Corporation HMC954LC4B Datasheet HTML 7Page - Hittite Microwave Corporation HMC954LC4B Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
6
HMC954LC4B
v00.0511
32 Gbps, 2:1 MUX
WITH PROGRAMMABLE OUTPUT VOLTAGE
Pin Number
Function
Description
Interface Schematic
1, 6, 8, 11, 13, 18
GND
Signal Grounds
2, 3
4, 5
D1P, D1N
D2P, D2N
Differential Data Inputs: Current Mode Logic (CML)
referenced to positive supply.
7, 12, 14, 15, 22
N/C
The pins are not connected internally; however, all data
shown herein was measured with these pins connected to
RF/DC ground externally.
9, 10
CP, CN
Differential Clock Inputs: Current Mode Logic (CML)
referenced to positive supply.
16, 17
O1N, O1P
Differential Outputs: Current Mode Logic (CML) referenced
to positive supply
19, 24
GND
Supply Grounds
20, 23
Package Base
Vee
These pins and the exposed paddle must be
connected to the negative voltage supply.
21
VR
Output level control. Output level may be increased
or decreased by applying a voltage to VR per “Output
Differential vs. VR” plot.
Pin Descriptions


Similar Part No. - HMC954LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC954LC4B HITTITE-HMC954LC4B Datasheet
878Kb / 8P
   32 Gbps, 2:1 Mux w/ Programmable Output Voltage
More results

Similar Description - HMC954LC4B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC955LC4B HITTITE-HMC955LC4B_12 Datasheet
1Mb / 8P
   WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
Texas Instruments
PT4410 TI1-PT4410_14 Datasheet
261Kb / 11P
[Old version datasheet]   Programmable Output Voltage
logo
Renesas Technology Corp
ISL9506 RENESAS-ISL9506 Datasheet
1Mb / 28P
   Multiphase PWM Controller with Programmable Output Voltage
logo
Analog Devices
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
logo
AUK corp
A431XSF AUK-A431XSF Datasheet
362Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
AF431XSF AUK-AF431XSF Datasheet
363Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
A431XM AUK-A431XM Datasheet
368Kb / 4P
   Programmable Voltage Reference (Programmable output voltage to 20 volts)
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309 Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com