Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC997LC4 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC997LC4
Description  VARIABLE GAIN AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC997LC4 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC997LC4_12 Datasheet HTML 1Page - Hittite Microwave Corporation HMC997LC4_12 Datasheet HTML 2Page - Hittite Microwave Corporation HMC997LC4_12 Datasheet HTML 3Page - Hittite Microwave Corporation HMC997LC4_12 Datasheet HTML 4Page - Hittite Microwave Corporation HMC997LC4_12 Datasheet HTML 5Page - Hittite Microwave Corporation HMC997LC4_12 Datasheet HTML 6Page - Hittite Microwave Corporation HMC997LC4_12 Datasheet HTML 7Page - Hittite Microwave Corporation HMC997LC4_12 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
HMC997LC4
v01.0112
VARIABLE GAIN AMPLIFIER
17 - 27 GHz
Evaluation PCB
The circuit board used in the application should use
rf circuit design techniques. Signal lines should
have 50 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
a sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from Hit-
tite upon request.
item
Description
J1, J4
pCb mount Sma rf Connectors
J5 - J10
DC pin
C1 - C6
100 pf Capacitor, 0402 pkg.
C7 - C12
1000 pf Capacitor, 0603 pkg.
C13 - C18
2.2 µf Capacitor, CaSe a
U1
HmC997lC4 Variable Gain amplifier
pCb [2]
122172 evaluation pCb
[1] reference this number when ordering complete evaluation pCb
[2] Circuit board material: arlon 25fr
List of Materials for Evaluation PCB
EVAL01-HMC997LC4 [1]


Similar Part No. - HMC997LC4_12

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC997LC4 HITTITE-HMC997LC4 Datasheet
486Kb / 8P
   Variable Gain Amplifier 17 to 27 GHz
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
More results

Similar Description - HMC997LC4_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC997LC4 AD-HMC997LC4 Datasheet
453Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
NXP Semiconductors
OM7922 NXP-OM7922 Datasheet
104Kb / 2P
   Variable gain amplifier
5/21/2012
logo
Cooper Bussmann, Inc.
HMC6187LP4E COOPER-HMC6187LP4E Datasheet
1Mb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Analog Devices
HMC996LP4E AD-HMC996LP4E Datasheet
479Kb / 8P
   VARIABLE GAIN AMPLIFIER
HMC6187LP4E AD-HMC6187LP4E Datasheet
1,008Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
RFHIC
2AM0405S RFHIC-2AM0405S Datasheet
890Kb / 9P
   Variable Gain Amplifier
logo
Analog Devices
AD8330 AD-AD8330_16 Datasheet
1Mb / 32P
   Variable Gain Amplifier
logo
Hittite Microwave Corpo...
HMC996LP4E HITTITE-HMC996LP4E_12 Datasheet
550Kb / 8P
   VARIABLE GAIN AMPLIFIER
logo
Burr-Brown (TI)
VCA2617 BURR-BROWN-VCA2617 Datasheet
526Kb / 19P
   Dual, Variable Gain Amplifier
logo
BeRex Corporation
BVA305B BEREX-BVA305B Datasheet
1Mb / 18P
   DIGITAL VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com