Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1022 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC1022
Description  GaAs pHEMT MMIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1022 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC1022_12 Datasheet HTML 1Page - Hittite Microwave Corporation HMC1022_12 Datasheet HTML 2Page - Hittite Microwave Corporation HMC1022_12 Datasheet HTML 3Page - Hittite Microwave Corporation HMC1022_12 Datasheet HTML 4Page - Hittite Microwave Corporation HMC1022_12 Datasheet HTML 5Page - Hittite Microwave Corporation HMC1022_12 Datasheet HTML 6Page - Hittite Microwave Corporation HMC1022_12 Datasheet HTML 7Page - Hittite Microwave Corporation HMC1022_12 Datasheet HTML 8Page - Hittite Microwave Corporation HMC1022_12 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC1022
v00.0811
GaAs pHEMT MMIC
0.25 WATT POWER AMPLIFIER, DC - 48 GHz
Output IM3 @ Vdd = +11V [1]
Output IP3 vs.
Supply Voltage @ Pout = 14 dBm / Tone [1]
Output IM3 @ Vdd = +8V [1]
Output IM3 @ Vdd = +10V [1]
Output IP3 vs.
Temperature @ Pout = 14 dBm / Tone
22
24
26
28
30
32
34
36
38
0
4
8
12
16
20
24
28
32
36
40
44
48
+25C
+85C
-55C
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
0
4
8
12
16
20
24
28
32
36
40
44
48
+8V
+10V
+11V
FREQUENCY (GHz)
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
16
18
20
4 GHz
10 GHz
16 GHz
22 GHz
28 GHz
34 GHz
40 GHz
44 GHz
Pout/TONE (dBm)
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
16
18
20
4 GHz
10 GHz
16 GHz
22 GHz
28 GHz
34 GHz
40 GHz
44 GHz
Pout/TONE (dBm)
0
10
20
30
40
50
60
0
2
4
6
8
10
12
14
16
18
20
4 GHz
10 GHz
16 GHz
22 GHz
28 GHz
34 GHz
40 GHz
44 GHz
Pout/TONE (dBm)
Noise Figure vs. Temperature
0
2
4
6
8
10
12
0
4
8
12
16
20
24
28
32
36
40
44
48
+25C
+85C
-55C
FREQUENCY (GHz)
[1] for Vdd= +8V, Vgg2=+3.5V; for Vdd= +10V, Vgg2= +4.5V; for Vdd= 11V Vgg2= +5.5V.


Similar Part No. - HMC1022_12

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
HMC1022-TR HONEYWELL-ACC-HMC1022-TR Datasheet
1Mb / 15P
   1- and 2-Axis Magnetic Sensors
logo
Analog Devices
HMC1022A AD-HMC1022A Datasheet
807Kb / 3P
   GaAs pHEMT MMIC 0.25 WATT POWER AMPLIFIER, DC
HMC1022A-SX AD-HMC1022A-SX Datasheet
448Kb / 17P
   GaAs, pHEMT, MMIC, 0.25 W Power Amplifier, DC to 48 GHz
HMC1022ACHIPS AD-HMC1022ACHIPS Datasheet
448Kb / 17P
   GaAs, pHEMT, MMIC, 0.25 W Power Amplifier, DC to 48 GHz
More results

Similar Description - HMC1022_12

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC998 HITTITE-HMC998_12 Datasheet
588Kb / 10P
   GaAs pHEMT MMIC
logo
Analog Devices
HMC383LC4 AD-HMC383LC4 Datasheet
372Kb / 6P
   GaAs PHEMT MMIC MEDIUM
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC498 AD-HMC498 Datasheet
352Kb / 6P
   GaAs pHEMT MMIC POWER AMPLIFIER
HMC907APM5E AD-HMC907APM5E Datasheet
949Kb / 12P
   GaAs pHEMT MMIC POWER AMPLIFIER
HMC994APM5E AD-HMC994APM5E Datasheet
1Mb / 14P
   GaAs pHEMT MMIC POWER AMPLIFIER
HMC559 AD-HMC559 Datasheet
429Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC1024 HITTITE-HMC1024 Datasheet
971Kb / 10P
   GaAs pHEMT MMIC 1 WATT
logo
Analog Devices
HMC635 AD-HMC635 Datasheet
326Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com