Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09-52-3034 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 09-52-3034
Description  KK 156 HOUSING ASSY PC TAIL TOP ENTRY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

09-52-3034 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  09-52-3034 Datasheet HTML 1Page - Molex Electronics Ltd. 09-52-3034 Datasheet HTML 2Page - Molex Electronics Ltd. 09-52-3034 Datasheet HTML 3Page - Molex Electronics Ltd. 09-52-3034 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KK 156 PCB ASSY 2-15 CKT
2145 TOP ENTRY SERIES
REV:
CHANGE PLATING
TITLE:
KK 156 PCB ASSY
2145 TOP ENTRY SERIES
SHEET No.
Z
UCP2012-1821
- 2 -
01/04/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-2145-002
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
RAMPS
YES
RAMPS
YES
HOOKS:
YES
HOOKS:
YES
COLOR:
WHITE
COLOR:
WHITE
MOLD VOID:
NONE
MOLD VOID:
NONE
TERM MATL:
PHOS BRONZE
TERM MATL:
PHOS BRONZE
CONTACT:
STANDARD
CONTACT:
STANDARD
PC TAIL (C):
.120 / 3.05
PC TAIL (C):
.120 / 3.05
PLT CODE:
197 – TIN
PLT CODE:
208 – 15 GOLD
TERM VOID:
NONE
TERM VOID:
NONE
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
Ref
A-2145-CANB102
A-2145-CANB208
Ckt
Material No
Material No
2
09-62-6025
09-62-4029
3
09-62-6035
09-62-4039
4
09-62-6045
09-62-4049
5
09-62-6055
09-62-4059
6
09-62-6065
09-62-4069
7
09-62-6075
09-62-4079
8
09-62-6085
09-62-4089
9
09-62-6095
09-62-4099
10
09-62-6105
09-62-4109
11
09-62-6115
09-62-4119
12
09-62-6125
09-62-4129
13
09-62-6135
09-62-4139
14
09-62-6145
09-62-4149
15
09-62-6155
09-62-4159


Similar Part No. - 09-52-3034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-52-3034 MOLEX1-09-52-3034 Datasheet
137Kb / 6P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Top Entry, Nylon Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
More results

Similar Description - 09-52-3034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026112113 MOLEX3-0026112113 Datasheet
255Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Top Entry, Nylon Connector
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
0038001425 MOLEX1-0038001425_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 5 Circuits
0038001429 MOLEX1-0038001429_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 9 Circuits
logo
Harwin Plc
M20-7850242 HARWIN-M20-7850242 Datasheet
62Kb / 1P
   2.54mm PITCH DIL PC TAIL DUAL ENTRY SOCKET ASSY
logo
Molex Electronics Ltd.
0038001422 MOLEX1-0038001422_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 2 Circuits
0038001424 MOLEX1-0038001424_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 4 Circuits
0038001430 MOLEX1-0038001430_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 10 Circuits
0038001433 MOLEX1-0038001433_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 13 Circuits
0038001434 MOLEX1-0038001434_17 Datasheet
45Kb / 2P
   KK 254 PC Board Connector, Top Entry, 14 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com