Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10181035 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 10181035
Description  2.36mm Diameter Standard .093
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

10181035 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  10181035 Datasheet HTML 1Page - Molex Electronics Ltd. 10181035 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/04/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
10-18-1034
Status:
Active
Overview:
Standard .093"
Description:
2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 1
Female Terminal, 2 Male Terminals
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
3099
Application
Power, Wire-to-Board
Comments
Solder Type|Round Pin
Overview
Standard .093"
Product Name
Standard .093"
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-2
Glow-Wire Compliant
No
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PCB Locator
Yes
PCB Retention
None
PCB Thickness - Recommended
1.60mm
Packaging Type
Bag
Pitch - Mating Interface
5.03mm
Plating min - Mating
1.270µm
Plating min - Termination
1.270µm
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
5A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
3099Series
Mates With
1490r , 1292r , 1396r , 1375r , 1360r , 1261r


Similar Part No. - 10181035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10181031 MOLEX11-10181031 Datasheet
28Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 2 Male Terminals
10181033 MOLEX11-10181033 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 1 Female Terminal, 2 Male Terminals
10181036 MOLEX11-10181036 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 1 Female Terminal, 1 Male Terminal
10181037 MOLEX11-10181037 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 2 Female Terminals, 1 Male Terminal
10181038 MOLEX11-10181038 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits, 3 Female Terminals
More results

Similar Description - 10181035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-18-1047 MOLEX11-10-18-1047 Datasheet
40Kb / 2P
   2.36mm Diameter Standard .093
03-09-1093 MOLEX1-03-09-1093 Datasheet
43Kb / 1P
   2.36mm Diameter Standard .093
39-03-6150 MOLEX11-39-03-6150 Datasheet
38Kb / 1P
   2.36mm Diameter Standard .093
10-18-1035 MOLEX11-10-18-1035 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093
10-18-1065 MOLEX11-10-18-1065 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093
0002096123 MOLEX1-0002096123 Datasheet
138Kb / 2P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal
0002092116 MOLEX1-0002092116 Datasheet
143Kb / 3P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal
0003092041 MOLEX1-0003092041 Datasheet
121Kb / 4P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing
0002095133 MOLEX1-0002095133 Datasheet
120Kb / 2P
   2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal
0010181036 MOLEX1-0010181036 Datasheet
29Kb / 2P
   2.36mm Diameter Standard .093" Pin and Socket Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com