Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67106-H5163 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # Q67106-H5163
Description  VPS / PDC-plus Decoder
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67106-H5163 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button Q67106-H5163 Datasheet HTML 5Page - Siemens Semiconductor Group Q67106-H5163 Datasheet HTML 6Page - Siemens Semiconductor Group Q67106-H5163 Datasheet HTML 7Page - Siemens Semiconductor Group Q67106-H5163 Datasheet HTML 8Page - Siemens Semiconductor Group Q67106-H5163 Datasheet HTML 9Page - Siemens Semiconductor Group Q67106-H5163 Datasheet HTML 10Page - Siemens Semiconductor Group Q67106-H5163 Datasheet HTML 11Page - Siemens Semiconductor Group Q67106-H5163 Datasheet HTML 12Page - Siemens Semiconductor Group Q67106-H5163 Datasheet HTML 13Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
SDA 5650/X
Semiconductor Group
9
02.97
In VPS mode, the extracted data bits of TV line no. 16 are checked for biphase errors.
With no biphase errors encountered, the acquired bytes are stored in the transfer
register to the I2C Bus. That transfer is signalled by a H/L transition of the DAVN output,
as well.
In TTX header mode A bytes 38-45 and 30-37 are accessed in this order. This assures
software compatibility to the SDA 5649. In mode B bytes 22-29 and 14-21 are accessed
in this order.
In all three operating modes data are updated when a new data line has been received,
provided that the chip is not accessed via the I2C Bus at the same time.
A micro controller can read the stored bytes via the I2C-Bus interface at any time.
However, one must be aware that the storage of new data from the acquisition interface
is inhibited as long as the PDC decoder is being accessed via the I2C Bus.
Note: In order to achieve maximum system performance it is recommended to start the
SDA 5650 in VPS mode (state after power on) and read the register to check
whether line 16 is received. After reception of VPS data inline 16 the SDA 5650
can be switched to 8/30 mode and waiting for packet 8/30 data. Since VPS data
in line 16 is transmitted every frame and PDC data in packet 8/30 is transmitted
nearly every second the recognition of both VPS and 8/30 packets can be done
within PDC-system constraints (about 1 sec).
2.2
I2C Bus
2.2.1
General Information
The I2C-Bus interface implemented on the PDC decoder is a slave transmitter/receiver,
i. e., both reading from and writing to the PDC / VPS decoder is possible. The clock line
SCL is controlled only by the bus master usually being a micro controller, whereas the
SDA line is controlled either by the master or by the slave. A data transfer can only be
initiated by the bus master when the bus is free, i. e., both SDA and SCL lines are in a
high state. As a general rule for the I2C Bus, the SDA line changes state only when the
SCL line is low. The only exception to that rule are the Start Condition and the Stop
Condition. Further Details are given below. The following abbreviations are used:
START:
Start Condition generated by master
AS:
Acknowledge by slave
AM:
Acknowledge by master
NAM:
No Acknowledge by master
STOP:
Stop condition generated by master


Similar Part No. - Q67106-H5163

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67106-H5157 SIEMENS-Q67106-H5157 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
Q67106-H5183 SIEMENS-Q67106-H5183 Datasheet
684Kb / 27P
   VPS-Decoder
More results

Similar Description - Q67106-H5163

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74792 SANYO-LC74792 Datasheet
198Kb / 25P
   VPS / PDC Slicer IC
logo
Zarlink Semiconductor I...
MV1822 ZARLINK-MV1822 Datasheet
584Kb / 11P
   PDC VPS AND TIME RECEIVER
logo
Siemens Semiconductor G...
SDA5648 SIEMENS-SDA5648 Datasheet
472Kb / 23P
   Decoder for Program Delivery Control and Video Program System PDC / VPS Decoder
logo
Sanyo Semicon Device
LC74793 SANYO-LC74793 Datasheet
154Kb / 24P
   VPS / PDC Slicer IC
logo
Siemens Semiconductor G...
SDA5642-6 SIEMENS-SDA5642-6 Datasheet
684Kb / 27P
   VPS-Decoder
logo
NXP Semiconductors
SAA5233 PHILIPS-SAA5233 Datasheet
87Kb / 20P
   Dual standard PDC decoder
June 1994
logo
Zarlink Semiconductor I...
MV1821 ZARLINK-MV1821 Datasheet
586Kb / 8P
   VIDEO CASSETTE RECORDER PDC AND VPS INTERFACE CIRCUIT
logo
STMicroelectronics
STV5348 STMICROELECTRONICS-STV5348 Datasheet
684Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 8 INTEGRATED PAGES
logo
Siemens Semiconductor G...
SDA5649 SIEMENS-SDA5649 Datasheet
479Kb / 26P
   Expanded Decoder for Program Delivery Control and Video Program System EPDC / VPS Decoder
logo
STMicroelectronics
STV5347 STMICROELECTRONICS-STV5347 Datasheet
506Kb / 22P
   MONOCHIP TELETEXT AND VPS DECODER WITH 4 INTEGRATED PAGES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com