Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CZRUR2V4B-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CZRUR2V4B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CZRUR2V4B-HF Datasheet(HTML) 1 Page - Comchip Technology

  CZRUR2V4B-HF Datasheet HTML 1Page - Comchip Technology CZRUR2V4B-HF Datasheet HTML 2Page - Comchip Technology CZRUR2V4B-HF Datasheet HTML 3Page - Comchip Technology CZRUR2V4B-HF Datasheet HTML 4Page - Comchip Technology CZRUR2V4B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Zener Diode
Page 1
Maximum Rating AND Electrical Characteristics
Operating Junction and Storage Temperature Range
Parameter
Symbol
Value
0.9
150
-55 to +125
Unit
V
mW
Forward current , surge peak
8.3 ms single half sine-wave superimposed
on rate load( JEDEC method )
2.0
A
IFSM
PD
VF
TJ
OC
Maximum Forward Voltage Drop at IF = 10 mA
O
Maximum Power Dissipation at 25 C
Peak ESD voltage capability (IEC 61000-4-2)
8
VPV
kV
0.071(1.80)
0.063(1.60)
0.039(1.00)
0.031(0.80)
0.033(0.85)
0.027(0.70)
Dimensions in inches and (millimeter)
0.028(0.70) Typ.
0.018(0.45) Typ.
CZRUR2V4B-HF Thru CZRUR39VB-HF
QW-G2008
REV:A
Comchip Technology CO., LTD.
Voltage 2.4 to 39 Volts
Power 150 mWatts
Features
-150mW Power Dissipation.
-High Voltages from 2.4 ~ 39 V.
-Designed for mounting on small surface.
-Extremely thin/leadless package.
-Constant voltage control.
-Pb free product.
Mechanical data
-Case: 0603
Standard package
/SOD-523F
Molded plastic.
-Terminals: Gold plated, solderable per
MIL-STD-750,method 2026.
-Polarity: Indicated by cathode band.
-Weight: 0.003 gram(approx.).
RoHS Device
Halogen Free
0603/SOD-523F


Similar Part No. - CZRUR2V4B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRUR52C10-HF COMCHIP-CZRUR52C10-HF Datasheet
161Kb / 6P
   SMD Zener Diode
CZRUR52C11-HF COMCHIP-CZRUR52C11-HF Datasheet
161Kb / 6P
   SMD Zener Diode
CZRUR52C12-HF COMCHIP-CZRUR52C12-HF Datasheet
161Kb / 6P
   SMD Zener Diode
CZRUR52C13-HF COMCHIP-CZRUR52C13-HF Datasheet
161Kb / 6P
   SMD Zener Diode
CZRUR52C15-HF COMCHIP-CZRUR52C15-HF Datasheet
161Kb / 6P
   SMD Zener Diode
More results

Similar Description - CZRUR2V4B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com