Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4166-4(126) Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 4166-4(126)
Description  TERMINAL PIN 0.64 / .025 SQ. WIRE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

4166-4(126) Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  4166-4(126) Datasheet HTML 1Page - Molex Electronics Ltd. 4166-4(126) Datasheet HTML 2Page - Molex Electronics Ltd. 4166-4(126) Datasheet HTML 3Page - Molex Electronics Ltd. 4166-4(126) Datasheet HTML 4Page - Molex Electronics Ltd. 4166-4(126) Datasheet HTML 5Page - Molex Electronics Ltd. 4166-4(126) Datasheet HTML 6Page - Molex Electronics Ltd. 4166-4(126) Datasheet HTML 7Page - Molex Electronics Ltd. 4166-4(126) Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4166
REV:
SHEET No.
SEE SHEET 1
AJ
TITLE:
KK .025 SQ PIN
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 4166-001
SCHAFER
SAMIEC
MARGULIS
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PART NO:
ENG NO:
PART NO:
ENG NO:
08-58-0611
4166-1(501)
08-58-0633
4166-33(501)
4166-2(501)
08-58-0634
4166-34(501)
08-58-0613
4166-3(501)
08-58-0635
4166-35(501)
4166-4(501)
4166-38(501)
4166-5(501)
4166-39(501)
4166-7(501)
08-58-0641
4166-41(501)
08-58-0668
4166-8(501)
4166-42(501)
4166-9(501)
08-58-0643
4166-43(501)
4166-10(501)
4166-46(501)
4166-11(501)
4166-47(501)
08-58-0612
4166-12(501)
4166-58(501)
4166-15(501)
4166-60(501)
08-58-0614
4166-17(501)
4166-64(501)
08-58-0608
4166-18(501)
4166-65(501)
08-58-0646
4166-20(501)
4166-66(501)
08-58-0688
4166-22(501)
4166-67(501)
4166-25(501)
4166-68(501)
4166-27(501)
4166-69(501)
08-58-0630
4166-30(501)
08-58-0674
4166-74(501)
08-58-0631
4166-31(501)
PART NO:
ENG NO:
PART NO:
ENG NO:
08-52-0711
4166-1(224)
4166-33(224)
4166-2(224)
4166-3(224)
4166-35(224)
4166-4(224)
4166-38(224)
4166-5(224)
4166-39(224)
4166-7(224)
4166-41(224)
4166-8(224)
4166-42(224)
4166-9(224)
4166-43(224)
4166-10(224)
4166-46(224)
4166-11(224)
4166-47(224)
4166-12(224)
4166-58(224)
4166-15(224)
4166-60(224)
4166-64(224)
4166-18(224)
4166-65(224)
4166-20(224)
4166-66(224)
4166-22(224)
4166-67(224)
4166-25(224)
4166-68(224)
08-52-0727
4166-27(224)
4166-69(224)
4166-30(224)
4166-74(224)
4166-31(224)


Similar Part No. - 4166-4(126)

ManufacturerPart #DatasheetDescription
logo
Heyco.
4166 HEYCO-4166 Datasheet
121Kb / 1P
   Lockit™ Loops
logo
Molex Electronics Ltd.
41661 MOLEX-41661 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
41661-0001 MOLEX5-41661-0001 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits
41661-0001 MOLEX11-41661-0001 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0002 MOLEX5-41661-0002 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits
More results

Similar Description - 4166-4(126)

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
038007222 MOLEX-038007222 Datasheet
266Kb / 4P
   WAFER, FRICTION LOCK KK (2.54)/.100 FOR (0.64)/.025 SQ. PINS
2005/03/11
logo
Tyco Electronics
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
logo
Japan Aviation Electron...
MX57A JAE-MX57A Datasheet
924Kb / 6P
   0.64 (025) Non-waterproof SRS Connector
logo
Samtec, Inc
TSM-125-01-S-DV SAMTEC-TSM-125-01-S-DV Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
TSM-105-01-T-DV-P-TR SAMTEC-TSM-105-01-T-DV-P-TR Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
   FLEXIBLE .025 SQ BOARD STACKERS
ZW-05-13-G-S-370-430 SAMTEC-ZW-05-13-G-S-370-430 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-25-10-F-D-551-144 SAMTEC-ZW-25-10-F-D-551-144 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
logo
Tyco Electronics
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
logo
Samtec, Inc
TSM-105-01-F-DV SAMTEC-TSM-105-01-F-DV Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com