Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ2504-G Datasheet(PDF) 2 Page - Comchip Technology

Part # GBJ2504-G
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

GBJ2504-G Datasheet(HTML) 2 Page - Comchip Technology

  GBJ2504-G Datasheet HTML 1Page - Comchip Technology GBJ2504-G Datasheet HTML 2Page - Comchip Technology GBJ2504-G Datasheet HTML 3Page - Comchip Technology GBJ2504-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Glass Passivated Bridge Rectifiers
Page 2
REV: C
Rating and Characteristics Curves (GBJ25005-G Thru. GBJ2510-G)
QW-BBR60
Comchip Technology CO., LTD.
0
20
100
140
0.0
10
25
Case Temperature, (°C )
15
Fig. 1- Forward Current Derating
Fig. 3- Maximum Non-Repetitive
1
10
100
Number of cycles at 60Hz
0
50
150
350
250
Surge Current
400
100
200
300
5
Curve
20
40
60
80
120
Fig. 4- Typical Junction Capacitance
1
10.0
100
Reverse Voltage , (V)
1
100
1000
Fig.5- Typical Reverse Characteristics
20
Percent of Rated Peak Reverse Voltage , (%)
10
100
1000
1.0
0.1
40
60
80
100
OC
TJ=125°C
TJ=100°C
OC
TJ=50°C
OC
TJ=25°C
1.0
Fig. 2- Typical Forward Characteristics
0
0.4
0.8
1.0
1.8
0.01
Instantaneous Forward Voltage, (V)
0.1
1.0
10.0
1.2
0.6
0.2
10
OC
TJ=25°C,f=1MHz
1.4
1.6
100
TJ = 25°C
PULSE WIDTH 300us
OC
WITH HEAKSINK
OC
WITHOUT HEA SINK
OC
SINGLE PHASE HALF WAVE 60HZ
RESISTIVE OR INDUCTIVE LOAD
Comchip
S M D D i o d e S p e c i a l i s t
SINGLE-SINE-WAVE
TJ=150°C
(JEDEC METHOD)


Similar Part No. - GBJ2504-G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ2504-BP MCC-GBJ2504-BP Datasheet
127Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Diodes Incorporated
GBJ2504-F DIODES-GBJ2504-F Datasheet
81Kb / 3P
   25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21221 Rev. 7 - 2
More results

Similar Description - GBJ2504-G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com