Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU808-G Datasheet(PDF) 2 Page - Comchip Technology

Part # GBU808-G
Description  SMD Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

GBU808-G Datasheet(HTML) 2 Page - Comchip Technology

  GBU808-G Datasheet HTML 1Page - Comchip Technology GBU808-G Datasheet HTML 2Page - Comchip Technology GBU808-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Glass Passivated Bridge Rectifiers
Page 2
REV: A
Rating and Characteristics Curves (GBU8005-G Thru. GBU810-G)
QW-BBR54
Comchip Technology CO., LTD.
0
50
100
150
0.0
4.0
8.0
10.0
Case Temperature, (°C)
2.0
6.0
RESISTIVE OR INDUCTIVE LOADS
WITHOUT HEAT SINK
WITH HEAT SINK
SINGLE PHASE HALF WAVE 60Hz
Fig.1 - Forward Current Derating Curve
Fig.2
Maximum NON-Repetitive
-
1
10
100
Number Of Cycle At 60Hz
0
50
100
200
150
O
TJ=125 C
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
PULSE WIDTH 8.3ms
Fig.4 Typical Forward Characteristics
-
0
0.4
0.8
1.0
1.4
0.01
Instantaneous Forward Voltage, (V)
0.1
1.0
10.0
1.2
0.6
0.2
OC
TJ=25°C
Pulse width: 300us
Fig.3 Typical Junction Capacitance
-
1
10
100
Reverse Voltage, (V)
0
50
100
1000
Fig.5 Typical Reverse Characteristics
-
20
Percent of Rated Peak Reverse Voltage, (%)
10
100
1000
1.0
0.1
40
60
80
100
OC
TJ=25°C,f=1MHz
OC
TJ=125°C
OC
TJ=100°C
OC
TJ=50°C
OC
TJ=25°C
Surge Current
0


Similar Part No. - GBU808-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBU808 DIODES-GBU808 Datasheet
67Kb / 2P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. D-2
logo
SAMYANG ELECTRONICS CO....
GBU808 SAMYANG-GBU808 Datasheet
989Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SynSemi, Inc.
GBU808 SYNSEMI-GBU808 Datasheet
458Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
New Jersey Semi-Conduct...
GBU808 NJSEMI-GBU808 Datasheet
163Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifiers
logo
Diodes Incorporated
GBU808 DIODES-GBU808 Datasheet
75Kb / 3P
   8.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21227 Rev. 7 - 2
More results

Similar Description - GBU808-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
DF005-G COMCHIP-DF005-G Datasheet
73Kb / 3P
   SMD Glass Passivated Bridge Rectifiers
DF005S-HF COMCHIP-DF005S-HF Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DB101S-G COMCHIP-DB101S-G Datasheet
100Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
MP10005G-G COMCHIP-MP10005G-G Datasheet
84Kb / 3P
   SMD Glass Passivated Bridge Rectifiers
DF201S-G COMCHIP-DF201S-G Datasheet
103Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DF206S-G COMCHIP-DF206S-G Datasheet
103Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
ABS05-HF COMCHIP-ABS05-HF Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DF15005S-G COMCHIP-DF15005S-G_12 Datasheet
105Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DF005S-G COMCHIP-DF005S-G Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
DF2005S-G COMCHIP-DF2005S-G Datasheet
102Kb / 4P
   SMD Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com