Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR207GB-G Datasheet(PDF) 2 Page - Comchip Technology

Part # FR207GB-G
Description  Fast Recovery Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

FR207GB-G Datasheet(HTML) 2 Page - Comchip Technology

  FR207GB-G Datasheet HTML 1Page - Comchip Technology FR207GB-G Datasheet HTML 2Page - Comchip Technology FR207GB-G Datasheet HTML 3Page - Comchip Technology FR207GB-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
REV:A
Comchip Technology CO., LTD.
Rating and Characteristic Curves (FR201G-G Thru. FR207G-G)
Fig.3 - Peak Forward Surge Current
0
Number of Cycles at 60Hz
1
Fig.1 - Forward Current Derating Curve
Ambient Temperature, (°C)
0
25
75
175
0
1.5
2.5
100
60
3.0
Fig.2 - Typical Forward Characteristics
0.1
Instantaneous Forward Voltage, (V)
10
0.01
1.0
100
125
1.0
2.0
50
150
0.5
10
0.4
0.8
1.0
1.6
0.2
1.2
0.6
Single phase half wave
Resistive or inductive load
40
single half-sine-wave
1.4
Fast Recovery Rectifiers
Pulse width 8.3 ms
20
80
Fig.4 - Typical Junction Capacitance
10
Reverse Voltage, (V)
10
100
100
1
1
TJ = 25°C , f = 1MHz
TJ = 25°C
Pulse width = 300us
100
QW-BF010


Similar Part No. - FR207GB-G

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
FR207G CHONGQING-FR207G Datasheet
178Kb / 1P
   2.0AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
FR207G RECTRON-FR207G Datasheet
24Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
FR207G DAESAN-FR207G Datasheet
274Kb / 2P
   CURRENT 2.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Shenzhen Luguang Electr...
FR207G LUGUANG-FR207G Datasheet
179Kb / 2P
   2.0AMP. Glass Passivated Fast Recovery Rectifiers
logo
DIYI Electronic Technol...
FR207G DYELEC-FR207G Datasheet
590Kb / 2P
   High current capability
More results

Similar Description - FR207GB-G

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR201 CHENG-YI-FR201 Datasheet
103Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Compact Technology Corp...
1N4933 CTC-1N4933 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Shanghai Shunye Electro...
FR201 SY-FR201 Datasheet
233Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
FT2000AA EIC-FT2000AA Datasheet
110Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Sensitron
1N5186 SENSITRON-1N5186 Datasheet
36Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
RGP20A EIC-RGP20A Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Microsemi Corporation
JAN1N3891 MICROSEMI-JAN1N3891 Datasheet
528Kb / 7P
   FAST RECOVERY RECTIFIERS
logo
Sangdest Microelectroni...
FR101 SMC-FR101 Datasheet
174Kb / 4P
   FAST RECOVERY RECTIFIERS
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
   Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
   Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
   Fast Recovery Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com