Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDE2526 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SDE2526
Description  Nonvolatile Memory 2-Kbit E2PROM with I2C Bus Interface with Extended Temperature Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SDE2526 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SDE2526 Datasheet HTML 1Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 2Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 3Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 4Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 5Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 6Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 7Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 8Page - Siemens Semiconductor Group SDE2526 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MOS IC
Nonvolatile Memory
2-Kbit E2PROM with I2C Bus Interface
with Extended Temperature Range
SDE 2526
Semiconductor Group
82
01.96
P-DIP-8-4
P-DSO-8-1
Circuit Description
I
2C Bus Interface
The I2C Bus is a bidirectional 2-line bus for the transfer of data between various integrated circuits.
It consists of a serial data line SDA and a serial clock line SCL. The data line requires an external
pull-up resistor to
VCC (open drain output stage).
The possible operational states of the I2C Bus are shown in figure 1. In the quiescent state, both
lines SDA and SCL are high, i.e. the output stage of the data line is disabled. As long a SCL remains
"1", information changes on the data bus indicate the start or the end of data transfer between two
components.
Type
Ordering Code
Package
Pin Configuration
SDE 2526-5
Q67100-H9020
P-DIP-8-4
SIEMENS
SDE 2526-5 A2G
Q67100-H9036
P-DSO-8-1 (SMD)
SIEMENS
SDE 25X26 A2
Q67100-H3261
P-DIP-8-4
STANDARD
SDE 25X26-5 A2G
Q67100-H3262
P-DSO-8-1 (SMD)
STANDARD
Features
q Word-organized reprogrammable nonvolatile memory
in n-channel floating-gate technology (E
2
PROM)
q 256
× 8-bit organization
q + 5 V supply voltage
q Serial 2-line bus for data input and output (I2C Bus)
q Reprogramming mode, typ. 15 ms erase/write cycle
q Reprogramming by means of on-chip control
(without external control)
q Data retention longer than 10 years
q More than 10
5
reprogramming cycles per address
q Extended temperature range from – 40 to 110
°C


Similar Part No. - SDE2526

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDE2506 SIEMENS-SDE2506 Datasheet
416Kb / 10P
   NONVOLATILE MEMORY 1-KBIT E2PROM
More results

Similar Description - SDE2526

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA2526-5 SIEMENS-SDA2526-5 Datasheet
273Kb / 12P
   Nonvolatile Memory 2-Kbit E2PROM with I2C Bus
SDA2546-5 SIEMENS-SDA2546-5 Datasheet
142Kb / 12P
   Nonvolatile Memory 4-Kbit E2PROM with I2C Bus Interface
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
SDA2516-5 SIEMENS-SDA2516-5 Datasheet
272Kb / 12P
   Nonvolatile Memory 1-Kbit E2PROM
SDE2506 SIEMENS-SDE2506 Datasheet
416Kb / 10P
   NONVOLATILE MEMORY 1-KBIT E2PROM
SDA2506-5 SIEMENS-SDA2506-5 Datasheet
147Kb / 10P
   Nonvolatile Memory 1-Kbit E2PROM
SDA2586 SIEMENS-SDA2586 Datasheet
493Kb / 14P
   NONVOLATILE MEMORY 8-KBIT EPROM WITH IC BUS INTERFACE
logo
STMicroelectronics
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
   Universal Sensors and Transducer Interface with Extended Temperature Range
logo
Texas Instruments
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com