Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-2145-BA07L-154 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # A-2145-BA07L-154
Description  KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-2145-BA07L-154 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  A-2145-BA07L-154 Datasheet HTML 1Page - Molex Electronics Ltd. A-2145-BA07L-154 Datasheet HTML 2Page - Molex Electronics Ltd. A-2145-BA07L-154 Datasheet HTML 3Page - Molex Electronics Ltd. A-2145-BA07L-154 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KK 156 PCB ASSY 2-15 CKT
2145 BOTTOM ENTRY SERIES
REV:
CHANGE PLATING
TITLE:
KK 156 PCB ASSY
2145 BOTTOM ENTRY SERIES
SHEET No.
Z
UCP2012-1821
- 3 -
1/04/2012 MMSTROH
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-2145-003
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
RAMPS
YES
RAMPS
YES
RAMPS
YES
RAMPS
YES
HOOKS:
YES
HOOKS:
YES
HOOKS:
YES
HOOKS:
YES
COLOR:
WHITE
COLOR:
WHITE
COLOR:
WHITE
COLOR:
WHITE
MOLD VOID:
NONE
MOLD VOID:
NONE
MOLD VOID:
NONE
MOLD VOID:
NONE
TERM MATL:
PHOS BRONZE
TERM MATL:
BRASS
TERM MATL:
BRASS
TERM MATL:
BRASS
CONTACT:
STANDARD
CONTACT:
STANDARD
CONTACT:
STANDARD
CONTACT:
STANDARD
PC TAIL (C):
.160 / 4.06
PC TAIL (C):
.160 / 4.06
PC TAIL (C):
.160 / 4.06
PC TAIL (C):
.126 / 3.20
PLT CODE:
P909 – TIN
PLT CODE:
P909 – TIN
PLT CODE:
208 – 15 GOLD
PLT CODE:
P909 – TIN
TERM VOID:
NONE
TERM VOID:
NONE
TERM VOID:
NONE
TERM VOID:
NONE
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
PACKAGING:
TRAY
PK-2145-001
Ref
A-2145-BANLP909
A-2145-BANHP909
A-2145-BANH208
A-2145BANJP909
Ckt
Material No
Material No
Material No
Material No
2
09-52-2028
09-52-3022
09-62-3022
09-52-5022
3
09-52-2038
09-52-3032
09-62-3032
09-52-5032
4
09-52-2048
09-52-3042
09-62-3042
09-52-5042
5
09-52-2058
09-52-3052
09-62-3052
09-52-5052
6
09-52-2068
09-52-3062
09-62-3062
09-52-5062
7
09-52-2078
09-52-3072
09-62-3072
09-52-5072
8
09-52-2088
09-52-3082
09-62-3082
09-52-5082
9
09-52-2098
09-52-3092
09-62-3092
09-52-5092
10
09-52-2108
09-52-3102
09-62-3102
09-52-5102
11
09-52-2118
09-52-3112
09-62-3112
09-52-5112
12
09-52-2128
09-52-3122
09-62-3122
09-52-5122
13
09-52-2138
09-52-3132
09-62-3132
09-52-5132
14
09-52-2148
09-52-3142
09-62-3142
09-52-5142
15
09-52-2158
09-52-3152
09-62-3152
09-52-5152


Similar Part No. - A-2145-BA07L-154

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-2145-BA07L-102 MOLEX1-A-2145-BA07L-102 Datasheet
136Kb / 6P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Bottom Entry, Nylon Connector,5.0關m (200關") Tin (Sn), 7 Circuits
More results

Similar Description - A-2145-BA07L-154

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
0026116155 MOLEX3-0026116155 Datasheet
226Kb / 4P
   3.96mm (.156") Pitch KK PC Board Connector, Bottom Entry, Nylon Connector
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-48-1024 MOLEX11-09-48-1024 Datasheet
339Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
022142024 MOLEX-022142024 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
50-29-0035 MOLEX11-50-29-0035 Datasheet
428Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
038001332 MOLEX-038001332 Datasheet
544Kb / 15P
   KK 100 PCB ASSY 4455 SERIES DWG
2022/07/29
logo
Tyco Electronics
2-1102291-1 MACOM-2-1102291-1 Datasheet
497Kb / 1P
   Surface mounted bottom entry assy HB.24
logo
Molex Electronics Ltd.
026602020 MOLEX-026602020 Datasheet
287Kb / 6P
   KK .156 HEADER ASSY FLAT VERT W/O PEGS
2004/03/24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com