Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1040-G Datasheet(PDF) 3 Page - Comchip Technology

Part # SF1040-G
Description  SMD Super Fast Recovery Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SF1040-G Datasheet(HTML) 3 Page - Comchip Technology

  SF1040-G Datasheet HTML 1Page - Comchip Technology SF1040-G Datasheet HTML 2Page - Comchip Technology SF1040-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
REV:A
Comchip Technology CO., LTD.
QW-BS006
Marking Code
XXXX = Product type marking code
Standard Packaging
SF1005-G
Part Number
Marking code
SF1010-G
SF1020-G
Case Type
TUBE PACK
50
ITO-220AB
2,000
TUBE
( EA )
8,000
CARTON
( EA )
BOX
( EA )
SMD Super Fast Recovery Rectifiers
SF1030-G
SF1040-G
SF1050-G
SF1060-G
EF1005
EF1010
EF1020
EF1030
EF1040
EF1050
EF1060
EFXXXX
Comchip
S M D D i o d e S p e c i a l i s t


Similar Part No. - SF1040-G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SF1040 LUGUANG-SF1040 Datasheet
175Kb / 2P
   Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF1040 DYELEC-SF1040 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1040 DYELEC-SF1040 Datasheet
858Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
SF1040 CHENDA-SF1040 Datasheet
958Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
Zibo Seno Electronic En...
SF1040 ZSELEC-SF1040 Datasheet
98Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
More results

Similar Description - SF1040-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CSFA101-G COMCHIP-CSFA101-G Datasheet
49Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G Datasheet
49Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFB201-G COMCHIP-CSFB201-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G_12 Datasheet
97Kb / 4P
   SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G Datasheet
50Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-HF COMCHIP-CSFM101-HF Datasheet
119Kb / 4P
   SMD Super Fast Recovery Rectifiers
CSFC301-G COMCHIP-CSFC301-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFA101-G COMCHIP-CSFA101-G_12 Datasheet
63Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFM101-G COMCHIP-CSFM101-G Datasheet
50Kb / 2P
   SMD Super Fast Recovery Rectifiers
CSFMT101-HF COMCHIP-CSFMT101-HF_12 Datasheet
167Kb / 4P
   Low Profile SMD Super Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com