Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR3060PT-G Datasheet(PDF) 2 Page - Comchip Technology

Part # SR3060PT-G
Description  Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR3060PT-G Datasheet(HTML) 2 Page - Comchip Technology

  SR3060PT-G Datasheet HTML 1Page - Comchip Technology SR3060PT-G Datasheet HTML 2Page - Comchip Technology SR3060PT-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2
REV: A
Rating and Characteristics Curves (SR3030PT-G Thru. SR30150PT-G)
QW-BB045
Comchip Technology CO., LTD.
0
25
100
150
0
10
25
Case Temperature, (°C )
15
Fig.1- Forward Current Derating Curve
Fig.3- Maximum Non-Repetitive
Number of Cycles at 60Hz
Surge Current
5
20
50
75
125
Fig.4- Typical Junction Capacitance
1
10.0
100
Reverse Voltage , (V)
100
1000
Fig.5- Typical Reverse Characteristics
20
Percent of Rated Peak Reverse Voltage, (%)
10
100
0.01
1.0
0.1
40
60
80
100
TJ =100°C
TJ =75°C
TJ =25°C
1.0
Fig.2- Typical Forward Characteristics
0.1
0.4
0.8
1.0
0.9
Instantaneous Forward Voltage, (V)
0.1
1.0
10
0.3
0.6
0.2
0.5
0.7
100
OC
Single phase half wave 60Hz
Resistive or inductive load
Schottky Barrier Rectifier
30
10000
TJ = 25°C , f = MHZ
1
10
100
0
50
150
350
250
400
100
200
300
(JEDEC Method)
Pulse width 8.3ms
Single half-sine-wave
Pulse width 300us
2% Duty cycle
TJ = 25°C
SR3030PT-G - SR3040PT-G
SR30150PT-G
SR3050PT-G - SR3060PT-G
SR3080PT-G - SR30100PT-G
120
140
0


Similar Part No. - SR3060PT-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR3060PT TSC-SR3060PT Datasheet
98Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR3060PT TSC-SR3060PT Datasheet
218Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR3060PT TSC-SR3060PT Datasheet
618Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
SR3060PT TSC-SR3060PT Datasheet
219Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
Nantong Hornby Electron...
SR3060PT HORNBY-SR3060PT Datasheet
285Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR3060PT-G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com