Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR510-G Datasheet(PDF) 1 Page - Comchip Technology

Part # SR510-G
Description  Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

SR510-G Datasheet(HTML) 1 Page - Comchip Technology

  SR510-G Datasheet HTML 1Page - Comchip Technology SR510-G Datasheet HTML 2Page - Comchip Technology SR510-G Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR502-G Thru. SR510-G
Forward current: 5.0A
Reverse voltage: 20 to 100V
RoHS Device
Schottky Barrier Rectifier
QW-BB017
Page 1
REV:B
Features
-Fast switching.
-Low forward voltage, high current capability.
-Low power loss, high efficiency.
-High current surge capability.
-High temperature soldering guaranteed: 250°C/10
seconds, 0.375” (9.5mm) lead length at 5lbs (2.3kg)
tension.
Mechanical Data
-Case: transfer molded plastic.
-Epoxy: UL94V-0 rate flame retardant.
-Polarity: color band denoted cathode end.
-Lead: plastic axial lead, solderable per MIL-STD-
202E, method 208C.
-Mounting position: any.
-Weight: 1.27 gram.
Dimensions in inches and (millimeter)
DO-27
1.0(25.4) min.
1.0(25.4) min.
0.375(9.50)
0.335(8.50)
0.220(5.60)
0.197(5.00)
0.052(1.30)
0.048(1.20)
Parameter
Unit
Maximum Ratings and Electrical Characteristics
Rating At 25°C ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive loaded.
For capacitive load, derate current by 20% .
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward
rectified current, 0.375”
(9.5mm) lead length
Peak forward surge current, 8.3ms single half sine-
wave, superimposed on rated load (JEDEC method)
Maximum instantaneous forward voltage at IF=5.0A
Maximum DC reverse current at rated
DC blocking voltage per element (Note 1)
Typical thermal resistance
Operating junction temperature range
Storage temperature range
Symbol
TL=60°C (SR502-G ~ SR504-G)
TL=85°C (SR505-G ~ SR508-G)
VRRM
VRMS
VDC
I(AV)
IFSM
VF
IR
CJ
RθJA
TJ
TSTG
SR502
-G
SR503
-G
SR504
-G
SR505
-G
SR506
-G
SR508
-G
20
14
20
30
21
30
0.55
550
40
28
40
50
35
50
60
42
60
80
57
80
5.0
150
1.0
50
15
-55 ~ +150
0.75
0.85
450
-55 ~ +150
V
V
V
A
A
V
mA
pF
°C/W
°C
°C
Note:
1. Pulse pulse: 300μS pulse width, 1% duty cycle.
SR510
-G
100
70
100
350
(Note 1) See Fig.1
TA=25°C
TA=100°C
Typical junction capacitance (Measured at 1.0Hzand
applied reverse voltage of 4.0V)


Similar Part No. - SR510-G

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR510 MOSPEC-SR510 Datasheet
226Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
Jinan Gude Electronic D...
SR510 JGD-SR510 Datasheet
147Kb / 2P
   5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR510 TSC-SR510 Datasheet
63Kb / 2P
   5.0 AMPS. Schottky Barrier Rectifiers
SR510 TSC-SR510 Datasheet
256Kb / 2P
   5.0 AMPS. Schottky Barrier Rectifiers
logo
MIC GROUP RECTIFIERS
SR510 MIC-SR510 Datasheet
59Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR510-G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com