Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV06B6V0J(B)-G Datasheet(PDF) 4 Page - Comchip Technology

Part # TV06B6V0J(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV06B6V0J(B)-G Datasheet(HTML) 4 Page - Comchip Technology

  TV06B6V0J(B)-G Datasheet HTML 1Page - Comchip Technology TV06B6V0J(B)-G Datasheet HTML 2Page - Comchip Technology TV06B6V0J(B)-G Datasheet HTML 3Page - Comchip Technology TV06B6V0J(B)-G Datasheet HTML 4Page - Comchip Technology TV06B6V0J(B)-G Datasheet HTML 5Page - Comchip Technology TV06B6V0J(B)-G Datasheet HTML 6Page - Comchip Technology TV06B6V0J(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SMD Transient Voltage Suppressor
Electrical Characteristics (TV06B5V0-G Thru. TV06B441-G)
QW-BTV02
VRWM
VBR Min. VBR Max.
IT
IFSM
IR@VRWM
(V)
(V)
(V)
(mA) (A)@8.3mS
(V)
IPP(A)
(uA)
UNI
BI
TV06B181K(B)-G
180.0
200.16
244.80
1
100
322.2
1.86
5
PS
ES
TV06B181J(B)-G
180.0
200.00
220.00
1
100
291.0
2.06
5
PT
ET
TV06B191K(B)-G
190.0
211.28
258.00
1
100
340.1
1.76
5
PU
EU
TV06B191J(B)-G
190.0
211.00
232.00
1
100
307.0
1.95
5
PV
EV
TV06B201J(B)-G
200.0
224.00
247.00
1
100
324.0
1.85
5
PW
EW
TV06B221J(B)-G
220.0
246.00
272.00
1
100
356.0
1.69
5
PX
EX
TV06B251J(B)-G
250.0
279.00
309.00
1
100
405.0
1.48
5
PZ
EZ
TV06B301J(B)-G
300.0
335.00
371.00
1
100
486.0
1.23
5
QE
FE
TV06B351J(B)-G
350.0
391.00
432.00
1
100
567.0
1.06
5
QG
FG
TV06B401J(B)-G
400.0
447.00
494.00
1
100
648.0
0.93
5
QK
FK
TV06B441J(B)-G
440.0
492.00
543.00
1
100
713.0
0.84
5
QM
FM
Part No.
Absolute Maximum Rating (TA =25°C)
Electrical Characteristic (TA =25°C)
Max VC
Marking Code
Note:
1) Suffix K denotes 10% tolerance devices, suffix J denotes 5% tolerance devices.
2) Suffix B after part number to specify bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Page 4
REV:C


Similar Part No. - TV06B6V0J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV06B6V0J COMCHIP-TV06B6V0J Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
TV06B6V0J-G COMCHIP-TV06B6V0J-G Datasheet
1Mb / 4P
   SMD TRANSLENT VOLTAGE SUPPRESSOR
TV06B6V0JB COMCHIP-TV06B6V0JB Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
TV06B6V0JB-HF COMCHIP-TV06B6V0JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV06B6V0J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com