Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE47C-G Datasheet(PDF) 4 Page - Comchip Technology

Part # P6KE47C-G
Description  600W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE47C-G Datasheet(HTML) 4 Page - Comchip Technology

  P6KE47C-G Datasheet HTML 1Page - Comchip Technology P6KE47C-G Datasheet HTML 2Page - Comchip Technology P6KE47C-G Datasheet HTML 3Page - Comchip Technology P6KE47C-G Datasheet HTML 4Page - Comchip Technology P6KE47C-G Datasheet HTML 5Page - Comchip Technology P6KE47C-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
600W Transient Voltage Suppressor
Page 4
QW-BTV06
REV:C
VRWM
VBR Max.
IT
IFSM
( V )
( V )
( mA )
(A)@8.3mS
( V )
IPPM (A)
Part No.
Absolute Maximum Rating (Ta=25
O C)
Electrical Characteristics (Ta=25
O
C)
Max. Vc @IPPM
Max. IR @VRWM
uA
Uni
Bi
VBR Min.
Marking Code.
Uni
Bi
( V )
P6KE500C-G
P6KE500CA-G
P6KE520C-G
P6KE520CA-G
P6KE550C-G
P6KE550CA-G
P6KE600C-G
P6KE600CA-G
P6KE500
P6KE500A
P6KE520
P6KE520A
P6KE550
P6KE550A
P6KE600
P6KE600A
P6KE500C
P6KE500CA
P6KE520C
P6KE520CA
P6KE550C
P6KE550CA
P6KE600C
P6KE600CA
RATING AND CHARACTERISTIC (P6KE-G Series)
P6KE500-G
P6KE500A-G
P6KE520-G
P6KE520A-G
P6KE550-G
P6KE550A-G
P6KE600-G
P6KE600A-G
450.00
550.00
475.00
525.00
468.00
572.00
494.00
546.00
495.00
605.00
522.50
577.50
540.00
660.00
570.00
630.00
406.0
427.5
422.2
444.6
446.6
470.3
487.2
513.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
100
100
100
720.0
690.0
748.8
717.6
792.0
759.0
864.0
828.0
0.83
0.87
0.80
0.84
0.76
0.79
0.69
0.72
5
5
5
5
5
5
5
5


Similar Part No. - P6KE47C-G

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
P6KE47C-LF SIRECT-P6KE47C-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6KE47C-G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com