Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVP06B82A(CA)-G Datasheet(PDF) 3 Page - Comchip Technology

Part # TVP06B82A(CA)-G
Description  SMD Transient Voltage Suppressor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TVP06B82A(CA)-G Datasheet(HTML) 3 Page - Comchip Technology

  TVP06B82A(CA)-G Datasheet HTML 1Page - Comchip Technology TVP06B82A(CA)-G Datasheet HTML 2Page - Comchip Technology TVP06B82A(CA)-G Datasheet HTML 3Page - Comchip Technology TVP06B82A(CA)-G Datasheet HTML 4Page - Comchip Technology TVP06B82A(CA)-G Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Transient Voltage Suppressor
Rating and Characteristics Curves (TVP06B5V0-G Thru. TVP06B601-G)
Fig.4 - Peak Pulse Power Rating Curve
Pulse Width,Td (μS)
0.1
1
10
100
1000
10000
0.1
1
10
100
Fig.1 - Pulse Derating Curve
Ambient Temperature,TA (°C)
0
25
50
100
150
175
0
60
100
140
75
125
20
40
80
120
Mounted on 5mm×5mm
copper pads
Fig.5 - Pulse Waveform
Time, (mS)
0
1
4
0
50
100
120
2
3
tr=10μS
Pulse width (td) is defined as
the point where the peak
current decay to 50% of Ipp
Peak value, IPPM
10/1000μS waveform
as defined by R.E.A.
Fig.6 - Typical Junction Capacitance
Fig.2 - Maximum Non-Repetitive
Surge Current
Number of Cycle at 60Hz
0
100
10
100
80
1
8.3mS single half
sine-wave (JEDEC
method)
TJ=TJ Max.
40
20
60
Fig.3 - Steady State Power Derating Curve
Lead Temperature ,TL ( C)
°
0
25
50
100
150
175
0
2.0
5.0
75
125
1.0
3.0
4.0
200
10000
1000
100
10
1
10
100
1000
1
Breakdown Voltage,
(V)
VBR
Bi-directional
@VRWM
O
TJ=25
f=1.0MHz
C
@VRWM
Uni-directional
Uni-directional
@zero bias
Bi-directional
@zero bias
Page 3
REV:A
td
Half value, IPP/2
QW-BTV18


Similar Part No. - TVP06B82A(CA)-G

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TVP00R AMPHENOL-TVP00R Datasheet
1Mb / 54P
   Subminiature Cylindrical Connectors
8/2006
TVP00WCI0909S AMPHENOL-TVP00WCI0909S Datasheet
1Mb / 44P
   Standard Circular Connector
TVP00WCI0935P AMPHENOL-TVP00WCI0935P Datasheet
1Mb / 44P
   Standard Circular Connector
TVP00WCI0935PB AMPHENOL-TVP00WCI0935PB Datasheet
1Mb / 44P
   Standard Circular Connector
TVP00WCI0935PC AMPHENOL-TVP00WCI0935PC Datasheet
1Mb / 44P
   Standard Circular Connector
More results

Similar Description - TVP06B82A(CA)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com