Electronic Components Datasheet Search |
|
P6KE13A-G Datasheet(PDF) 1 Page - Comchip Technology |
|
P6KE13A-G Datasheet(HTML) 1 Page - Comchip Technology |
1 / 6 page P6KE-G Series Stand-off Voltage: 6.8 ~ 600V Power Dissipation: 600 Watts RoHS Device QW-BTV06 Page 1 REV:C Symbol Parameter Value Unit Maximum Ratings and Electrical Characteristics Peak power dissipation with a 10/1000 s μ (Note 1) 100 Features -Plastic package has underwriters laboratory flammability classification 94V-0 -600W, surge capability at 1mS. -Excellent clamping capability. -Low Zener impedance. -Fast response time: typically less than 1.0pS from 0 volt to BV min. -Typical IR less than 1μA above 10V. Mechanical Data -Case: Molded plastic DO-15 -Terminals: Axial leads solderable per MIL-STD-202 , Method 208 -Polarity: Color band denotes positive end (cathode) -Weight: 0.4 grams Dimensions in inches and (millimeter) DO-15 Peak forward surge current, 8.3mS single half sine-wave unidirectional only (JEDEC method) (Note 2) Operating junction and storage temperature range PPP 5.0 600 -55 to +150 W W A O C O Power dissipation on infinite heatsink at TL=75 C NTOES: O (1) Non-repetitive current pulse, per fig.5 and derated above TA=25 C per fig. 1 (2) Measured on 8.3ms single half sine-wave or equivalent square wave,equare wave,duty cycle=4 pulses per minute maximum (3) VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V PD IFSM TJ, TSTG 1.000(25.40) MIN. 0.300(7.63) 0.230(5.85) 0.142(3.61) 0.102(2.60) 0.033(0.84) 0.027(0.71) 1.000(25.40) MIN. Peak pulse current with a 10/1000 waveform μs (Note 1) IPP See Next Table A waveform 3.5/5.0 Maximum instantantaneous forward voltage at 50 A for unidirectional only(Note 3) V VF 600W Transient Voltage Suppressor -Epoxy: UL 94V-0 rate flame retardant |
Similar Part No. - P6KE13A-G |
|
Similar Description - P6KE13A-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |