Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-H3262 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # Q67100-H3262
Description  Nonvolatile Memory 2-Kbit E2PROM with I2C Bus Interface with Extended Temperature Range
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-H3262 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button Q67100-H3262 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-H3262 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-H3262 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-H3262 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-H3262 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-H3262 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-H3262 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-H3262 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-H3262 Datasheet HTML 10Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SDE 2526
Semiconductor Group
89
Figure 2
Timing Conditions for the I2C Bus (high-speed mode)
* Note that a transmitter must internally provide at least a hold time to bridge the undefined region (max. 300 ns)
of the falling edge of SCL.
Parameter
Symbol
Limit Values
Unit
min.
max.
Minimum time the bus must be free
before a new transmission can start
tBUF
4.7
µs
Start condition hold time
tHD;STA
4.0
µs
Clock low period
tLOW
4.7
µs
Clock high period
tHIGH
4.0
µs
Start condition set-up time,
only valid for repeated start code
tSU;STA
4.7
µs
Data set-up time
tSU;DAT
250
ns
Rise time of both the SDA- and SCL-line
tR
1
µs
Fall time of both the SDA- and SCL-line
tF
300
ns
Stop condition set-up time
tSU;STO
4.7
µs
Hold time data
tHD;DAT
0*)


Similar Part No. - Q67100-H3262

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-H3260 SIEMENS-Q67100-H3260 Datasheet
493Kb / 14P
   NONVOLATILE MEMORY 8-KBIT EPROM WITH IC BUS INTERFACE
More results

Similar Description - Q67100-H3262

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA2526-5 SIEMENS-SDA2526-5 Datasheet
273Kb / 12P
   Nonvolatile Memory 2-Kbit E2PROM with I2C Bus
SDA2546-5 SIEMENS-SDA2546-5 Datasheet
142Kb / 12P
   Nonvolatile Memory 4-Kbit E2PROM with I2C Bus Interface
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
   NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
SDA2516-5 SIEMENS-SDA2516-5 Datasheet
272Kb / 12P
   Nonvolatile Memory 1-Kbit E2PROM
SDE2506 SIEMENS-SDE2506 Datasheet
416Kb / 10P
   NONVOLATILE MEMORY 1-KBIT E2PROM
SDA2506-5 SIEMENS-SDA2506-5 Datasheet
147Kb / 10P
   Nonvolatile Memory 1-Kbit E2PROM
SDA2586 SIEMENS-SDA2586 Datasheet
493Kb / 14P
   NONVOLATILE MEMORY 8-KBIT EPROM WITH IC BUS INTERFACE
logo
STMicroelectronics
ST24E16 STMICROELECTRONICS-ST24E16 Datasheet
118Kb / 16P
   16 Kbit Serial I2C EEPROM with Extended Addressing
February 1999
logo
List of Unclassifed Man...
USTIEXT ETC2-USTIEXT Datasheet
182Kb / 3P
   Universal Sensors and Transducer Interface with Extended Temperature Range
logo
Texas Instruments
PCA8550 TI-PCA8550 Datasheet
104Kb / 8P
[Old version datasheet]   NONVOLATILE 5-BIT REGISTER WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com