Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE27CA-G Datasheet(PDF) 4 Page - Comchip Technology

Part # P4KE27CA-G
Description  400W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE27CA-G Datasheet(HTML) 4 Page - Comchip Technology

  P4KE27CA-G Datasheet HTML 1Page - Comchip Technology P4KE27CA-G Datasheet HTML 2Page - Comchip Technology P4KE27CA-G Datasheet HTML 3Page - Comchip Technology P4KE27CA-G Datasheet HTML 4Page - Comchip Technology P4KE27CA-G Datasheet HTML 5Page - Comchip Technology P4KE27CA-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4
QW-BTV05
REV:B
NOTES:
VRWM
VBR Max.
IT
IFSM
( V )
( V )
( mA )
(A)@8.3mS
( V )
IPPM (A)
Part No.
Absolute Maximum Rating (Ta=25
O C)
Electrical Characteristics (Ta=25
O
C)
Max. Vc @IPPM
Max. IR@VRWM
uA
Uni
Bi
VBR Min.
Marking Code.
Uni
Bi
( V )
P4KE500-G
P4KE500A-G
P4KE520-G
P4KE520A-G
P4KE550-G
P4KE550A-G
P4KE600-G
P4KE600A-G
406.0
450.00
550.00
1
40
427.5
475.00
525.00
1
40
422.2
468.00
572.00
1
40
444.6
494.00
546.00
1
40
444.6
495.00
605.00
1
40
470.3
522.50
577.50
1
40
487.2
540.00
660.00
1
40
513.0
570.00
630.00
1
40
720.0
0.56
5
690.0
0.58
5
748.8
0.53
5
717.6
0.56
5
792.0
0.51
5
759.0
0.53
5
864.0
0.46
5
828.0
0.48
5
1. Suffox’A’ denotes 5% tolerance device. Without ‘A’ denotes 10% tolerance device
2. Add suffix ‘C’or
after part number to specify Bi-directional devices
‘CA’
3. For Bi-Directional devices having VR of 10 Volts and under, the IR Limit is double
RATING AND CHARACTERISTIC (P4KE-G Series)
P4KE500C-G
P4KE500CA-G
P4KE520C-G
P4KE520CA-G
P4KE550C-G
P4KE550CA-G
P4KE600C-G
P4KE600CA-G
P4KE500
P4KE500A
P4KE520
P4KE520A
P4KE550
P4KE550A
P4KE600
P4KE600A
P4KE500C
P4KE500CA
P4KE520C
P4KE520CA
P4KE550C
P4KE550CA
P4KE600C
P4KE600CA
400W Transient Voltage Suppressor


Similar Part No. - P4KE27CA-G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE27CA-B LITTELFUSE-P4KE27CA-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE27CA-C SECOS-P4KE27CA-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE27CA-HF COMCHIP-P4KE27CA-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE27CA-LF SIRECT-P4KE27CA-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE27CA-T8 WTE-P4KE27CA-T8 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE27CA-G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com