Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE27CA-G Datasheet(PDF) 5 Page - Comchip Technology

Part # P4KE27CA-G
Description  400W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE27CA-G Datasheet(HTML) 5 Page - Comchip Technology

  P4KE27CA-G Datasheet HTML 1Page - Comchip Technology P4KE27CA-G Datasheet HTML 2Page - Comchip Technology P4KE27CA-G Datasheet HTML 3Page - Comchip Technology P4KE27CA-G Datasheet HTML 4Page - Comchip Technology P4KE27CA-G Datasheet HTML 5Page - Comchip Technology P4KE27CA-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RATING AND CHARACTERISTIC CURVES (P4KE-G Series)
Page 5
QW-BTV05
REV:B
Fig.2 Typical Reverse Characteristics
10
Stand-off Voltage (V)
1
Fig.1Pulse Derating Curve
0
O
Ambient Temperature,TA ( C)
0
25
50
75
100
125
150
175
200
25
50
75
100
20
40
50
10
100
Fig.4 Peak Pulse Power Rating Curve
0.1
Pulse Width,td (μs)
0.1
TJ=2J Max
Measured at
stand-off voltage
1
10
100
1000
10000
1
10
100
Fig.3 Steady State Power
Derating Curve
0
O
Lead Temperature,
(
TL
C)
0
25
50
75
100
125
150
200
250
0.2
0.4
0.6
0. 8
1.0
TR=10uS
Peak value (IPP)
Half value=IPP/2
O
TJ=25 C
td
Pulse width(td) is
defined as the point
where the peak current
decays to 50% of Ipp
10/1000 sec. waveform
μ
as defined by R.E.A.
Fig.5 Pulse Waveform
0
T, Time (mS)
0
1.0
2.0
3.0
4.0
100
50
30
0
Fig.6 Typical Junction Capacitance
100
10
1
10
100
1000
1
Reverse Breakdown Voltage,
(V)
VBR
10000
Bi-directional
@zero bias
Uni-directional
@zero bias
Uni-directional
@VRWM
Bi-directional @ VRWM
TJ=25
f=1.0MHz
OC
1000
400W Transient Voltage Suppressor


Similar Part No. - P4KE27CA-G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4KE27CA-B LITTELFUSE-P4KE27CA-B Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
SeCoS Halbleitertechnol...
P4KE27CA-C SECOS-P4KE27CA-C Datasheet
334Kb / 3P
   400 Peak Power
logo
Comchip Technology
P4KE27CA-HF COMCHIP-P4KE27CA-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE27CA-LF SIRECT-P4KE27CA-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4KE27CA-T8 WTE-P4KE27CA-T8 Datasheet
82Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P4KE27CA-G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com