Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TV30C850J(B)-G Datasheet(PDF) 5 Page - Comchip Technology

Part # TV30C850J(B)-G
Description  SMD Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C850J(B)-G Datasheet(HTML) 5 Page - Comchip Technology

  TV30C850J(B)-G Datasheet HTML 1Page - Comchip Technology TV30C850J(B)-G Datasheet HTML 2Page - Comchip Technology TV30C850J(B)-G Datasheet HTML 3Page - Comchip Technology TV30C850J(B)-G Datasheet HTML 4Page - Comchip Technology TV30C850J(B)-G Datasheet HTML 5Page - Comchip Technology TV30C850J(B)-G Datasheet HTML 6Page - Comchip Technology TV30C850J(B)-G Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
QW-BTV04
Comchip Technology CO., LTD.
Page 5
REV:F
SMD Transient Voltage Suppressor
VRWM
VBR Min. VBR Max.
IT
IFSM
IR@VRWM
(V)
(V)
(V)
(mA) (A)@8.3mS
(V)
IPP(A)
(uA)
Uni
Bi
TV30C181K(B)-G
180.0
200.16
244.80
1
300
322.2
9.31
5
PHS
DHS
TV30C181J(B)-G
180.0
200.00
220.00
1
300
291.6
10.29
5
PHT
DHT
TV30C191K(B)-G
190.0
211.28
258.40
1
300
340.1
8.82
5
PHU
DHU
TV30C191J(B)-G
190.0
211.00
232.00
1
300
307.8
9.75
5
PHV
DHV
TV30C201J(B)-G
200.0
224.00
247.00
1
300
324.0
9.26
5
PHW
DHW
TV30C221J(B)-G
220.0
246.00
272.00
1
300
356.0
8.43
5
PHX
DHX
TV30C251J(B)-G
250.0
279.00
309.00
1
300
405.0
7.41
5
PHZ
DHZ
TV30C301J(B)-G
300.0
335.00
371.00
1
300
486.0
6.17
5
PJE
DJE
TV30C351J(B)-G
350.0
391.00
432.00
1
300
567.0
5.29
5
PJG
DJG
TV30C401J(B)-G
400.0
447.00
494.00
1
300
648.0
4.63
5
PJK
DJK
TV30C441J(B)-G
440.0
492.00
543.00
1
300
713.0
4.21
5
PJM
DJM
Part No.
Absolute Maximum Rating (TA =25
OC)
Electrical Characteristic (TA =25
OC)
Max VC
Marking Code
TV30C171K(B)-G
170.0
189.00
231.0
1
300
304.0
9.87
5
PHQ
DHQ
TV30C171J(B)-G
170.0
189.00
209.0
1
300
275.0
10.91
5
PHR
DHR
TV30C161K(B)-G
160.0
178.00
218.00
1
300
287.0
10.45
5
PHN
DHN
160.0
178.00
197.00
1
300
259.0
11.58
5
PHP
DHP
TV30C161J(B)-G
1) Suffix K denotes 10% tolerance devices,
J denotes 5% tolerance devices.
suffix
2) Suffix B after part number to specify Bi-directional devices.
3) For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
Note:
Electrical Characteristics (TV30C5V0-G Thru. TV30C441-G)


Similar Part No. - TV30C850J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV30C850J COMCHIP-TV30C850J Datasheet
97Kb / 4P
   SMD Transient Voltage Suppressor
TV30C850J-HF COMCHIP-TV30C850J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV30C850JB COMCHIP-TV30C850JB Datasheet
97Kb / 4P
   SMD Transient Voltage Suppressor
TV30C850JB-HF COMCHIP-TV30C850JB-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV30C850J(B)-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0-G COMCHIP-TV04A5V0-G Datasheet
161Kb / 4P
   SMD Transient Voltage Suppressor
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com