Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-31-0152 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 11-31-0152
Description  Hawk Discrete Wire Termination Machine Operation Manual
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

11-31-0152 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 11-31-0152 Datasheet HTML 6Page - Molex Electronics Ltd. 11-31-0152 Datasheet HTML 7Page - Molex Electronics Ltd. 11-31-0152 Datasheet HTML 8Page - Molex Electronics Ltd. 11-31-0152 Datasheet HTML 9Page - Molex Electronics Ltd. 11-31-0152 Datasheet HTML 10Page - Molex Electronics Ltd. 11-31-0152 Datasheet HTML 11Page - Molex Electronics Ltd. 11-31-0152 Datasheet HTML 12Page - Molex Electronics Ltd. 11-31-0152 Datasheet HTML 13Page - Molex Electronics Ltd. 11-31-0152 Datasheet HTML 14Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Hawk Discrete Wire Termination Machine
Order No TM-011200949
Release Date: 02-16-97
UNCONTROLLED COPY
Page 10 of 39
Revision: D
Revision Date: 03-03-11
SET SCREW AND
LOCK NUT
Figure 2-4
CLEVIS
JAM NUT
Figure 2-5
3. Then adjust the location shuttle adjustment base
by turning the set screw on the edge of the stop
block located to the right. Hold the connector
against the shuttle blade while making this
adjustment. Turning the set screw “in” moves
the connector to the right and “out” moves it to
the left. See Figure 2-4.
4. Tighten the cap screws.
2.4
Termination Depth Adjustment
Termination depth is set by:
1. Loosening the lock nut located on top of the
termination head.
2. To raise the punch depth, turn the screw
clockwise. To lower, turn the screw counter-
clockwise. The punch depth should be adjusted
so that a terminated wire is touching the lower
surface of the terminal, but is not crushed and
the crimp tongs are securely gripping the wire
without cutting into the insulation. See
Appendix A for termination specifications.
3. Terminate a wire and check the settings.
4. Repeat steps 2 and 3 until the termination depth
is correct.
5. Then tighten the lockout.
2.5
Punch Up Adjustment
Termination punches should be adjusted so that the
bottom of the punch is about .015 - .020 inch above
the top of the terminals.
To adjust the punch:
1. Loosen the jam nut on the clevis attached to the
crimp and termination cylinder rod end.
2. Turning the rod end clockwise lowers the
punches and counterclockwise raises them.
The rod end can be turned with the jam nut by
turning the jam nut down snug against the end
of the threads on the rod. Then turn off the air
supply and turn the jam nut to adjust. See
Figure 2-5.
3. Turn the air back on to check punch height
4. Retighten the jam nut to clevis.
2.6
Programming The Controller
On the front of the base there is a pair of thumb
wheels. These set the counter to the correct circuit
size for the connector.
Example: a 3-circuit connector would be set at .03”.
2.7
Safety Precautions
The following safety precautions should be taken
before operating the terminator.
1. Check that the work area is well lighted. Adjust
work light for best visibility.
2. Check that the area is clean and free of debris.
Check that no tools have been left in the
machine or work area.
NEVER operate in areas of excess moisture.


Similar Part No. - 11-31-0152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-31-0418 MOLEX11-11-31-0418 Datasheet
16Kb / 1P
   Termination Punch
More results

Similar Description - 11-31-0152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0623000500 MOLEX-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
10/02/2017
62300-0700 MOLEX11-62300-0700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000500 MOLEX11-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
62300-0500 MOLEX11-62300-0500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000700 MOLEX11-0623000700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000800 MOLEX11-0623000800 Datasheet
30Kb / 1P
   Mini-Cam IV Discrete Wire Termination Machine
0623003100 MOLEX11-0623003100 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator
0623004900 MOLEX11-0623004900 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator for Rebuilt CE Approved
62300-2900 MOLEX-62300-2900 Datasheet
628Kb / 1P
   Flat Flexible Cable and IDT Ribbon Cable Hawk Machine
0623001400 MOLEX11-0623001400 Datasheet
61Kb / 1P
   Termination Machine, Modular Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com