Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4CX25-000C Datasheet(PDF) 6 Page - Communications & Power Industries, Inc.

Part # 4CX25-000C
Description  RADIAL BEA M POWER TET RODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

4CX25-000C Datasheet(HTML) 6 Page - Communications & Power Industries, Inc.

  4CX25-000C_11 Datasheet HTML 1Page - Communications & Power Industries, Inc. 4CX25-000C_11 Datasheet HTML 2Page - Communications & Power Industries, Inc. 4CX25-000C_11 Datasheet HTML 3Page - Communications & Power Industries, Inc. 4CX25-000C_11 Datasheet HTML 4Page - Communications & Power Industries, Inc. 4CX25-000C_11 Datasheet HTML 5Page - Communications & Power Industries, Inc. 4CX25-000C_11 Datasheet HTML 6Page - Communications & Power Industries, Inc. 4CX25-000C_11 Datasheet HTML 7Page - Communications & Power Industries, Inc. 4CX25-000C_11 Datasheet HTML 8Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
high voltage circuits and terminals, with interlock switch-
es to open primary circuits of the power supply and to
discharge high voltage capacitors whenever access doors
are opened. Interlock switches must not be bypassed or
“cheated” to allow operation with access doors open.
Always remember that HIGH VOLTAGE CAN KILL.
RADIO-FREQUENCY RADIATION - Avoid exposure to
strong rf fields even at relatively low frequency. Ab-
sorption of rf energy by human tissue is dependent on
frequency. Under 300 MHz most of the energy will pass
completely through the human body with little attenuation
or heating effect. Public health agencies are concerned
with the hazard, and the published OSHA (Occupational
Safety and Health Administration) or other local recom-
mendations to limit prolonged exposure of rf radiation
should be followed.
INTERELECTRODE CAPACITANCE - The actual internal
electrode capacitance of a tube is influenced by many
variables in most applications, such as stray capacitance
to the chassis, capacitance added by the socket used,
stray capacitance between tube terminals and wiring
effects. To control the actual capacitance values within
the tubes, as the key component involved, the industry
and Military Services use a standard test procedure as
described in Electronic Industries Association Standard
RS-191. This requires the use of specially constructed test
fixtures which effectively shield all external tube leads
from each other and eliminates any capacitance reading to
“ground.” The test is performed on a cold tube. Other fac-
tors being equal, controlling internal tube capacitance in
this way normally assures good interchangeability of tubes
over a period of time, even when the tube may be made by
different manufacturers.
The capacitance values shown in the manufacturer’s
technical data, or test specifications, normally are taken in
accordance with Standard RS-191.
The equipment designer is therefore cautioned to make al-
lowance for the actual capacitance values which will exist
in any normal application. Measurements should be taken
with the socket and mounting which represent approxi-
mate final layout if capacitance values are highly signifi-
cant in the design.
SPECIAL APPLICATIONS - When it is desired to oper-
ate this tube under conditions widely different from those
listed here, write to CPI MPP, Eimac Operation, Applica-
tions Engineering, 607 Hansen Way, Palo Alto, CA 94304
U.S.A.
4cx25,000c
OPERATING HAZARDS
Proper use and safe operating practices with respect to power tubes are the responsibility of equipment manufacturers and users
of such tubes. All persons who work with and are exposed to power tubes, or equipment that utilizes such tubes, must take precau-
tions to protect themselves against possible serious bodily injury. DO NOT BE CARELESS AROUND SUCH PRODUCTS.
The operation of this tube may involve the following hazards, any one of which, in the absence of safe operating practices and pre-
cautions, could result in serious harm to personnel.
HIGH VOLTAGE – Normal operating voltages can be deadly.
Remember that HIGH VOLTAGE CAN KILL.
LOW-VOLTAGE HIGH-CURRENT CIRCUITS - Personal jewelry,
such as rings, should not be worn when working with filament
contacts or connectors as a short circuit can produce very high
current and melting, resulting in severe burns.
RF RADIATION – Exposure to strong rf fields should be avoided,
even at relatively low frequencies. CARDIAC PACEMAKERS
MAY BE AFFECTED.
HOT SURFACES – Surfaces of tubes can reach temperatures
of several hundred°C and cause serious burns if touched for
several minutes after all power is removed.
MATERIAL COMPLIANCE - This product and package conforms
to the conditions and limitations specified in 49CFR 173.424 for
radioactive material, excepted package-instruments or articles,
UN2910. In addition, this product and package contains no
beryllium oxide (BeO).
6


Similar Part No. - 4CX25-000C_11

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
4CX25-000C CPI-4CX25-000C Datasheet
513Kb / 1P
   Cathode driven RF amplifier
More results

Similar Description - 4CX25-000C_11

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
14_SERIES QUALTEK-14_SERIES Datasheet
1Mb / 1P
   DOUB LE LOOP BEA DED CABLE TIES
logo
Allied Components Inter...
RB1315 ALLIED-RB1315 Datasheet
308Kb / 1P
   Radial Power Choke
RB5480-1-3R9K-RC ALLIED-RB5480-1-3R9K-RC Datasheet
476Kb / 1P
   Radial Power Choke
RB5480-5 ALLIED-RB5480-5 Datasheet
504Kb / 1P
   Radial Power Choke
RB5480-5-3R9K-RC ALLIED-RB5480-5-3R9K-RC Datasheet
504Kb / 1P
   Radial Power Choke
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML_09 Datasheet
108Kb / 1P
   Radial Power Inductors
logo
Allied Components Inter...
RB5480-3-3R9K-RC ALLIED-RB5480-3-3R9K-RC Datasheet
490Kb / 1P
   Radial Power Choke
RB5480-2-3R9K-RC ALLIED-RB5480-2-3R9K-RC Datasheet
481Kb / 1P
   Radial Power Choke
RB5480-4 ALLIED-RB5480-4 Datasheet
494Kb / 1P
   Radial Power Choke
logo
Bourns Electronic Solut...
LPV1620-100ML BOURNS-LPV1620-100ML Datasheet
144Kb / 1P
   Radial Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com