Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-31-7464 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 11-31-7464
Description  Hawk Discrete Wire Termination Machine Operation Manual
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

11-31-7464 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 11-31-7464 Datasheet HTML 2Page - Molex Electronics Ltd. 11-31-7464 Datasheet HTML 3Page - Molex Electronics Ltd. 11-31-7464 Datasheet HTML 4Page - Molex Electronics Ltd. 11-31-7464 Datasheet HTML 5Page - Molex Electronics Ltd. 11-31-7464 Datasheet HTML 6Page - Molex Electronics Ltd. 11-31-7464 Datasheet HTML 7Page - Molex Electronics Ltd. 11-31-7464 Datasheet HTML 8Page - Molex Electronics Ltd. 11-31-7464 Datasheet HTML 9Page - Molex Electronics Ltd. 11-31-7464 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Hawk Discrete Wire Termination Machine
Order No TM-011200949
Release Date: 02-16-97
UNCONTROLLED COPY
Page 6 of 39
Revision: D
Revision Date: 03-03-11
General Description
1.1
Description
The Molex AM-60520E Hawk Discrete Wire Termination
Machine was developed to assemble .100 S.L. IDT
series (.100 in. centers Insulation Displacement
Technology) discrete wire harnesses. An operator loads
a cartridge containing preloaded connectors (70400
series) ranging from 2 to 25 circuits. As each connector
assembly is completed, the machine automatically loads
a new connector into the terminating nest, pushing the
previously loaded connector into the next station. Then
it inserts the terminals and breaks off the carrier strip.
The operator then removes the completed harness,
loads a wire (in its proper assembly order), then
depresses the foot pedal. The machine then terminates
that wire and indexes to the next position. This machine
is ideally suited for mid- volume, semi-automatic
applications.
1.2
Features
Automatic loading and indexing of termination nest
Automatic insertion of terminals
Automatic break-off of carrier strip
1.3
Technical Specifications
Dimensions
Press with tooling
Height
34.3cm (13.50”)
Width
99.1cm (39.00”)
Depth
50.8cm (20.00”)
Unpacked weight
48.1kg (103.00 lbs.)
Power Requirements
Voltage:
110V AC or 220V AC
50/60 Hz
Current:
2A @ 110V
1A @ 220V
Pneumatics
Pressure:
5 BAR (80psig) minimum
Consumption:
14L/minimum (0.5 SCFM)
Rate
This machine terminates up to 1200 per hour,
depending on operator skill and connector size.
1.4
Delivery Check
Remove the top and sides of the crate. Then remove
the screws that mount the machine to the skid. Check
to see that following items are included in this
package:
Decription:
Quantity
11-20-0949 (AM-60520E)
1
Discrete Wire Termination Machine
TM-011200949
Instruction Manual
1
63800-8394 Foot Switch Assembly
1
11-31-5302
Nest Cleaning Tool
1
11-31-1744
Carrier Tray
1
1.5
Tools
The following tools are recommended for setup and
adjustments to the this tool.
English Hex Wrench Set (inch)
Large and small straight screwdriver
Small Crescent Wrench
Needle nose pliers
Eye Loupe - 5X
1.6
Lifting
WARNING: The Molex Hawk Terminator weights
48kg (103 lbs.). It is NOT intended to be lifted by a
single individual. The guarding or housing load
assemblies are not attached to provide support for
lifting purposes. Mechanical lifting devices should
be used from below the unit. A person lifting this
machine could sustain severe back or other
injuries. Care should be taken at all times.
An electrical, hydraulic, or mechanical lift should be
used to lift this termination machine


Similar Part No. - 11-31-7464

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-31-7151 MOLEX11-11-31-7151 Datasheet
289Kb / 9P
   90075 PHONE PLUG ARBOR PRESS
11-31-7151 MOLEX11-11-31-7151 Datasheet
289Kb / 9P
   PHONE PLUG TOOLING ADAPT. KIT FOR 60026 PRESS
11-31-7152 MOLEX11-11-31-7152 Datasheet
289Kb / 9P
   90075 PHONE PLUG ARBOR PRESS
11-31-7152 MOLEX11-11-31-7152 Datasheet
289Kb / 9P
   PHONE PLUG TOOLING ADAPT. KIT FOR 60026 PRESS
11-31-7504 MOLEX11-11-31-7504 Datasheet
16Kb / 1P
   Punch
More results

Similar Description - 11-31-7464

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0623000500 MOLEX-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
10/02/2017
62300-0700 MOLEX11-62300-0700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000500 MOLEX11-0623000500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
62300-0500 MOLEX11-62300-0500 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000700 MOLEX11-0623000700 Datasheet
28Kb / 1P
   Hawk Discrete Wire Terminator Machine 2.50mm
0623000800 MOLEX11-0623000800 Datasheet
30Kb / 1P
   Mini-Cam IV Discrete Wire Termination Machine
0623003100 MOLEX11-0623003100 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator
0623004900 MOLEX11-0623004900 Datasheet
30Kb / 1P
   Hawk Semi-Automatic Discrete Wire Terminator for Rebuilt CE Approved
62300-2900 MOLEX-62300-2900 Datasheet
628Kb / 1P
   Flat Flexible Cable and IDT Ribbon Cable Hawk Machine
0623001400 MOLEX11-0623001400 Datasheet
61Kb / 1P
   Termination Machine, Modular Plug
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com