Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC-6369C9 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTC-6369C9
Description  2.0 to 2.25 kW, C-Band Helix TWT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTC-6369C9 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTC-6369C9 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2.0 to 2.25 kW CW Helix TWT Series, 5.85 to 6.725
GHz, periodic-permanent, magnet focused, coaxial
input, waveguide output, forced-air cooled.
Custom configurations are also available. These vari-
ations in the performance and configuration include:
mechanical configuration, electrical and RF connec-
tions, and dual-stage depressed collector.
2.0 to 2.25 kW, C-Band Helix TWT
For information on this and other CPI products, visit our website at: www.cpii.com,
or contact: CPI MPP Division, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 856-0705 | email: marketing@cpii.com
CPI 05/10
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
FeaTures
•2.0to2.25kW
•5.85-6.725GHz
•PPMFocusing
•CoaxialInput
• Waveguide Output
•AnyMountingPosition
•Weight:25lbs.max
•Forced-AirCooled
model
FrequenCy
PoWer ouTPuT
(GHz)
(mIn)
VTC-6369C6
5.85 - 6.725
2.0 to 2.25 kW
VTC-6369C9
5.85 - 6.65
2.0 to 2.25 kW
TyPICal oPeraTInG ParameTers
maxImum
mInImum
TyPICal
unITs
Heater Voltage:
6.6
6.0
---
Vdc
Heater surge Current:
5.0
---
---
a
Helix Voltage:
15.5
14.0
---
kVdc
Helix Current:
25
---
---
madc
Collector Voltage 1:
67% ew
63% ew
---
kVdc
Collector Current 1:
990
---
---
madc
Cathode Current:
---
---
---
madc
Collector Voltage 2:
37% ew
33% ew
---
kVdc
Collector Current 2:
650
---
---
madc
Cathode Warm-up Time:
---
3.0
---
minutes
drive Power:
---
---
---
mW
Collector Temp:
150
---
---
°C
load VsWr:
1.7:1
---
---
VsWr
air Flow:
828
---
---
lb/hr


Similar Part No. - VTC-6369C9

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-6369C2 CPI-VTC-6369C2 Datasheet
96Kb / 1P
   2.25 kW, C-Band Helix TWT Series
More results

Similar Description - VTC-6369C9

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-6369D3 CPI-VTC-6369D3 Datasheet
98Kb / 1P
   2.25 kW, C-Band Helix TWT Series
VTC-6369D4 CPI-VTC-6369D4 Datasheet
96Kb / 1P
   2.25 kW, C-Band Helix TWT Series
VTC-6369C2 CPI-VTC-6369C2 Datasheet
96Kb / 1P
   2.25 kW, C-Band Helix TWT Series
VTC-6368L4 CPI-VTC-6368L4 Datasheet
96Kb / 1P
   2.25 kW Peak, 1.2 kW Avg C-Band Helix TWT Series
VTC-6265E1 CPI-VTC-6265E1 Datasheet
98Kb / 1P
   W C-Band Helix TWT Series
VZX-6986J4 CPI-VZX-6986J4 Datasheet
369Kb / 2P
   CPI 2.25/2.50 kW TWT X-Band HPA
VTC-6361D3A CPI-VTC-6361D3A Datasheet
94Kb / 1P
   750W, C-Band Helix TWT Series
VTC-6264D4 CPI-VTC-6264D4 Datasheet
97Kb / 1P
   400W, C-Band Helix TWT Series
VTC-6264D4 CPI-VTC-6264D4_12 Datasheet
101Kb / 1P
   400 W, C-Band Helix TWT Series
VTC-6262F1 CPI-VTC-6262F1 Datasheet
85Kb / 1P
   200 W, C-Band Helix TWT Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com