Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTM-6195R1 Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTM-6195R1
Description  28 W, CW Helix TWT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTM-6195R1 Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTM-6195R1 Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28 W, CW Helix TWT Series, 6.0 to 18.0 GHz, periodic-
permanent, magnet focused, coaxial input, waveguide
output, conduction cooled.
Custom configurations are also available. These varia-
tions in the performance and configuration include:
mechanical configuration, electrical and RF connections,
and dual-stage depressed collector.
28 W, CW Helix TWT Series
For information on this and other CPI products, visit our website at: www.cpii.com,
or contact: CPI MPP Division, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 856-0705 | email: marketing@cpii.com
CPI 07/10
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
FeaTureS
• 28 W
• 6.0 to 18.0 GHz
• PPM Focusing
• Coaxial Input
• Waveguide Output
• Any Mounting Position
• Weight: 1.5 lbs. max
• Conduction Cooled
model
FrequenCy
PoWer ouTPuT
(GHz)
(mIn)
VTM-6195R1
6.0 to 18.0
28 W
TyPICal oPeraTInG ParameTerS
maxImum
mInImum
TyPICal
unITS
Heater Voltage:
6.6
6.0
---
V
Heater Surge Current:
3
---
---
a
Helix Voltage:
4.1
3.5
---
kVdc
Helix Current:
15
---
---
madc
Cathode Current:
160
---
---
madc
Collector Voltage :
2.2
1.6
---
kVdc
Cathode Warm-up Time:
---
2.0
---
minutes
drive Power:
50
---
---
mW
Heat Sink Temp:
110
---
---
°C
load VSWr:
4:1
---
---
VSWr


Similar Part No. - VTM-6195R1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTM-6196R1 CPI-VTM-6196R1 Datasheet
84Kb / 1P
   20 W, CW Helix TWT Series
More results

Similar Description - VTM-6195R1

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTL-6242L2 CPI-VTL-6242L2 Datasheet
87Kb / 1P
   250 W, CW Helix TWT Series
VTM-6096R1 CPI-VTM-6096R1 Datasheet
84Kb / 1P
   12 W, CW Helix TWT Series
VTS-6252F1 CPI-VTS-6252F1 Datasheet
84Kb / 1P
   200 W, CW Helix TWT Series
VTM-6196R1 CPI-VTM-6196R1 Datasheet
84Kb / 1P
   20 W, CW Helix TWT Series
VTM-6113R1 CPI-VTM-6113R1 Datasheet
93Kb / 1P
   60 to 80 W, CW Mini Helix TWT
VTM-6292M4 CPI-VTM-6292M4 Datasheet
80Kb / 1P
   250 W Helix TWT Series
VTM-6292F8 CPI-VTM-6292F8 Datasheet
80Kb / 1P
   200 W Helix TWT Series
VTC-6265E1 CPI-VTC-6265E1 Datasheet
98Kb / 1P
   W C-Band Helix TWT Series
VTU-6392D4 CPI-VTU-6392D4 Datasheet
86Kb / 1P
   225 W, Ku-Band Helix TWT Series
VTC-6260E4 CPI-VTC-6260E4 Datasheet
105Kb / 1P
   Helix TWT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com