Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTU-6397J1A Datasheet(PDF) 1 Page - Communications & Power Industries, Inc.

Part # VTU-6397J1A
Description  750 W, Ku-Band Helix TWT Series
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CPI [Communications & Power Industries, Inc.]
Direct Link  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VTU-6397J1A Datasheet(HTML) 1 Page - Communications & Power Industries, Inc.

  VTU-6397J1A Datasheet HTML 1Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
750 Watt, 17.30 to 17.80 GHz, CW, high
efficiency traveling wave tube, coaxial input,
waveguide output, air cooled.
Custom configurations are also available.
These variations in the performance and
configuration include: mechanical configura-
tion, electrical and RF connections, and dual-
stage depressed collector.
750 W, Ku-Band Helix TWT Series
For information on this and other CPI products, visit our website at: www.cpii.com,
or contact: CPI MPP Division, 607 Hansen Way, Palo Alto, CA 94303
telephone
: 1(800) 414-8823. fax: (650) 856-0705 | email: marketing@cpii.com
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic
information only. Formal, controlled specifications may be obtained from CPI for use in equipment design.
FeaTureS
•750Watt
•CoaxialInput
•WaveguideOutput
•Weight:25lbs.max
•AirCooled
model
FrequenCy
PoWer ouTPuT
(GHz)
(mIn)
VTU-6397J1A
17.30 - 17.80
750 W
TyPICal oPeraTInG ParameTerS
mInImum
maxImum
TyPICal
unITS
Filament Voltage:
6.2
6.4
6.3
Vdc
Filament Current:
1.0
1.8
1.5
a
Helix Voltage:
11.5
12.5
12.4
kV
Helix Current:
---
10.0
3.0
ma
Collector Voltage 1:
51.0
53.0
52.0
%
Collector Current 1:
320 rf
50 dc / 250 rf
ma
Collector Voltage 2:
25
27
26
%
Collector Current 2:
---
455
445 dc / 220 rf
ma
Heater Warm-up Time:
3.0
---
---
minutes
drive Power:
---
18
10
dBm
air Flow:
214
---
---
lb / hr
Prime Power:
---
2400
2350
Watts
load VSWr:
---
1.2
1.1
VSWr
CPI 060509


Similar Part No. - VTU-6397J1A

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTU-6397C2 CPI-VTU-6397C2 Datasheet
88Kb / 1P
   750W, Ky-Band Helix TWT Series
VTU-6397C3 CPI-VTU-6397C3 Datasheet
87Kb / 1P
   750W, Ku-Band Helix TWT Series
VTU-6397C3A CPI-VTU-6397C3A Datasheet
87Kb / 1P
   750W, Ku-Band Helix TWT Series
VTU-6397C7 CPI-VTU-6397C7 Datasheet
88Kb / 1P
   750W, Ky-Band Helix TWT Series
VTU-6397D4X CPI-VTU-6397D4X Datasheet
89Kb / 1P
   500W DBS-Band Helix TWT Series
More results

Similar Description - VTU-6397J1A

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTU-6392D4 CPI-VTU-6392D4 Datasheet
86Kb / 1P
   225 W, Ku-Band Helix TWT Series
VTU-6396M7 CPI-VTU-6396M7 Datasheet
85Kb / 1P
   600 W, Ku-Band Helix TWT Series
VTU-6299F2 CPI-VTU-6299F2 Datasheet
98Kb / 1P
   200 W, Ku-Band Helix TWT Series
VTU-6395M1 CPI-VTU-6395M1 Datasheet
84Kb / 1P
   350 W, Ku-Band Helix TWT Series
VTU-6396D4X CPI-VTU-6396D4X Datasheet
87Kb / 1P
   375 W, Ku-Band Helix TWT Series
VTU-6191M2 CPI-VTU-6191M2 Datasheet
83Kb / 1P
   80 W, Ku-Band Helix TWT Series
VTU-6392B2 CPI-VTU-6392B2 Datasheet
83Kb / 1P
   300 W, Ku-Band Helix TWT Series
VTU-6396M4 CPI-VTU-6396M4 Datasheet
85Kb / 1P
   375 W, Ku-Band Helix TWT Series
VTU-6397M4 CPI-VTU-6397M4 Datasheet
85Kb / 1P
   500 W, Ku-Band Helix TWT Series
VTX-6361F1 CPI-VTX-6361F1 Datasheet
100Kb / 1P
   750 W, X-Band Helix TWT Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com