Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P4KE520CA-G Datasheet(PDF) 3 Page - Comchip Technology

Part # P4KE520CA-G
Description  400W Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P4KE520CA-G Datasheet(HTML) 3 Page - Comchip Technology

  P4KE520CA-G Datasheet HTML 1Page - Comchip Technology P4KE520CA-G Datasheet HTML 2Page - Comchip Technology P4KE520CA-G Datasheet HTML 3Page - Comchip Technology P4KE520CA-G Datasheet HTML 4Page - Comchip Technology P4KE520CA-G Datasheet HTML 5Page - Comchip Technology P4KE520CA-G Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RATING AND CHARACTERISTIC (P4KE-G Series)
Page 3
QW-BTV05
REV:B
VRWM
VBR Max.
IT
IFSM
( V )
( V )
( mA )
(A)@8.3mS
( V )
IPPM (A)
1000
1000
500
500
200
200
50
50
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
Part No.
Absolute Maximum Rating (Ta=25
O C)
Electrical Characteristics (Ta=25
O
C)
Max. Vc @IPPM
Max. IR @VRWM
uA
Uni
Bi
VBR Min.
Marking Code.
Uni
Bi
( V )
P4KE56-G
P4KE56A-G
P4KE62-G
P4KE62A-G
P4KE68-G
P4KE68A-G
P4KE75-G
P4KE75A-G
P4KE82-G
P4KE82A-G
P4KE91-G
P4KE91A-G
P4KE100-G
P4KE100A-G
P4KE110-G
P4KE110A-G
P4KE120-G
P4KE120A-G
P4KE130-G
P4KE130A-G
P4KE150-G
P4KE150A-G
P4KE160-G
P4KE160A-G
P4KE170-G
P4KE170A-G
P4KE180-G
P4KE180A-G
P4KE200-G
P4KE200A-G
P4KE220-G
P4KE220A-G
P4KE250-G
P4KE250A-G
P4KE300-G
P4KE300A-G
P4KE350-G
P4KE350A-G
P4KE380-G
P4KE380A-G
P4KE400-G
P4KE400A-G
P4KE440-G
P4KE440A-G
45.4
47.8
50.2
53.0
55.1
58.1
60.7
64.1
66.4
70.1
73.7
77.8
81.0
85.5
89.2
94.0
97.2
102.0
105.0
111.0
121.0
128.0
130.0
136.0
138.0
145.0
146.0
154.0
162.0
171.0
175.0
185.0
202.0
214.0
243.0
256.0
284.2
299.3
308.6
324.9
324.8
342.0
357.3
376.2
50.40
53.20
55.80
58.90
61.20
64.60
67.50
71.25
73.80
77.90
81.90
86.45
90.00
95.00
99.00
104.5
108.00
114.00
117.00
123.50
135.00
142.50
144.00
152.00
153.00
161.50
162.00
171.00
180.00
190.00
198.00
209.00
225.00
237.50
270.00
285.00
315.00
332.50
342.00
361.00
360.00
380.00
396.00
418.00
61.60
1
40
10.8
58.80
1
40
10.5
68.20
1
40
11.7
65.10
1
40
11.3
74.80
1
40
12.5
74.40
1
40
12.1
82.50
1
40
13.8
78.75
1
40
13.4
90.20
1
40
15.0
86.10
1
40
14.5
100.10
1
40
16.2
95.55
1
40
15.6
110.00
1
40
17.3
105.00
1
40
16.7
121.00
1
40
19.0
115.50
1
40
18.2
132.00
1
40
22.0
126.00
1
40
21.2
143.00
1
40
23.5
136.50
1
40
22.5
165.00
1
40
26.5
157.50
1
40
25.5
176.00
1
40
29.1
168.00
1
40
27.7
187.00
1
40
31.9
178.50
1
40
30.6
198.00
1
40
34.7
189.00
1
40
33.2
220.00
1
40
39.1
210.00
1
40
37.5
242.00
1
40
43.5
231.00
1
40
41.4
275.00
1
40
47.4
262.50
1
40
45.7
330.00
1
40
52.0
315.00
1
40
49.9
385.00
1
40
56.4
367.50
1
40
53.9
418.00
1
40
61.9
399.00
1
40
59.3
440.00
1
40
67.8
420.00
1
40
64.8
484.00
1
40
73.5
462.00
1
40
70.1
80.5
77.0
89.0
85.0
98.0
92.0
108.0
103.0
118.0
113.0
131.0
125.0
144.0
137.0
158.0
152.0
173.0
165.0
187.0
179.0
215.0
207.0
230.0
219.0
244.0
234.0
258.0
246.0
287.0
274.0
344.0
328.0
360.0
344.0
430.0
414.0
504.0
482.0
547.2
524.4
576.0
552.0
633.6
607.2
P4KE56
P4KE56A
P4KE62
P4KE62A
P4KE68
P4KE68A
P4KE75
P4KE75A
P4KE82
P4KE82A
P4KE91
P4KE91A
P4KE100
P4KE100A
P4KE110
P4KE110A
P4KE120
P4KE120A
P4KE130
P4KE130A
P4KE150
P4KE150A
P4KE160
P4KE160A
P4KE170
P4KE170A
P4KE180
P4KE180A
P4KE200
P4KE200A
P4KE220
P4KE220A
P4KE250
P4KE250A
P4KE300
P4KE300A
P4KE350
P4KE350A
P4KE380
P4KE380A
P4KE400
P4KE400A
P4KE440
P4KE440A
P4KE56C
P4KE56CA
P4KE62C
P4KE62CA
P4KE68C
P4KE68CA
P4KE75C
P4KE75CA
P4KE82C
P4KE82CA
P4KE91C
P4KE91CA
P4KE100C
P4KE100CA
P4KE110C
P4KE110CA
P4KE120C
P4KE120CA
P4KE130C
P4KE130CA
P4KE150C
P4KE150CA
P4KE160C
P4KE160CA
P4KE170C
P4KE170CA
P4KE180C
P4KE180CA
P4KE200C
P4KE200CA
P4KE220C
P4KE220CA
P4KE250C
P4KE250CA
P4KE300C
P4KE300CA
P4KE350C
P4KE350CA
P4KE380C
P4KE380CA
P4KE400C
P4KE400CA
P4KE440C
P4KE440CA
P4KE56C-G
P4KE56CA-G
P4KE62C-G
P4KE62CA-G
P4KE68C-G
P4KE68CA-G
P4KE75C-G
P4KE75CA-G
P4KE82C-G
P4KE82CA-G
P4KE91C-G
P4KE91CA-G
P4KE100C-G
P4KE100CA-G
P4KE110C-G
P4KE110CA-G
P4KE120C-G
P4KE120CA-G
P4KE130C-G
P4KE130CA-G
P4KE150C-G
P4KE150CA-G
P4KE160C-G
P4KE160CA-G
P4KE170C-G
P4KE170CA-G
P4KE180C-G
P4KE180CA-G
P4KE200C-G
P4KE200CA-G
P4KE220C-G
P4KE220CA-G
P4KE250C-G
P4KE250CA-G
P4KE300C-G
P4KE300CA-G
P4KE350C-G
P4KE350CA-G
P4KE380C-G
P4KE380CA-G
P4KE400C-G
P4KE400CA-G
P4KE440C-G
P4KE440CA-G
400W Transient Voltage Suppressor


Similar Part No. - P4KE520CA-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
P4KE520CA-HF COMCHIP-P4KE520CA-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
More results

Similar Description - P4KE520CA-G

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
P4KE SMC-P4KE Datasheet
297Kb / 6P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P4KE-HF COMCHIP-P4KE-HF Datasheet
105Kb / 4P
   400W Transient Voltage Suppressor
P4KE COMCHIP-P4KE Datasheet
99Kb / 4P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMAJ WEEN-SMAJ Datasheet
616Kb / 7P
   400W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P4KE6.8-LF SIRECT-P4KE6.8-LF Datasheet
129Kb / 4P
   400W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
P4KE6 TAITRON-P4KE6 Datasheet
198Kb / 5P
   400W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P4KE LEIDITECH-P4KE Datasheet
1Mb / 5P
   400W Transient Voltage Suppressor
logo
WeEn Semiconductors
P4SOD WEEN-P4SOD Datasheet
601Kb / 7P
   400W Transient Voltage Suppressor
logo
Comchip Technology
P4KE-G COMCHIP-P4KE-G Datasheet
113Kb / 4P
   400W Transient Voltage Suppressor
logo
TAITRON Components Inco...
MP4KE6 TAITRON-MP4KE6 Datasheet
209Kb / 5P
   400W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com