Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51916 Datasheet(PDF) 8 Page - Cyrustek corporation

Part # ES51916
Description  11,000 Counts Auto DMM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51916 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES51916_11 Datasheet HTML 4Page - Cyrustek corporation ES51916_11 Datasheet HTML 5Page - Cyrustek corporation ES51916_11 Datasheet HTML 6Page - Cyrustek corporation ES51916_11 Datasheet HTML 7Page - Cyrustek corporation ES51916_11 Datasheet HTML 8Page - Cyrustek corporation ES51916_11 Datasheet HTML 9Page - Cyrustek corporation ES51916_11 Datasheet HTML 10Page - Cyrustek corporation ES51916_11 Datasheet HTML 11Page - Cyrustek corporation ES51916_11 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
v1.2
11/09/06
8
1.1.4 The true RMS-to-DC conversion with ES636
If ES636 is used for true RMS-to-DC measurement, the test circuit is shown in Figure 1.
Make ADO and ADI pin short, and TEST5 pin keeps float. Connect OVSG pin to
AGND through a switch in ACV measurement mode.
Figure 1. The true RMS-to-DC conversion with ES636
OVSG
OR1
VR5
VR4
VR3
VR2
TEST5
ACVL
ACVH
ADI
ADO
ADOHZ
PWD
OP-
OP+
OPO
1.111M
101K
10K
1K
99.5
AGND
ACV
AGND
1
2
3
4
5
6
7
14
13
12
11
10
9
8
4.7u
+
+Vs
AGND
+Vs
-Vs
500K
1K
10
AGND
-Vs
100K
1.5K
-Vs
N1
N2
10K
27k
0.1u
AGND
+Vs -Vs
2
3
1
5
4
7
6
AGND
3.3u
+
5k
AGND
+Vs
TL061
30K
10K
4.7u
Note: The filter capacitors for +Vs and -Vs
are recommended to near to the power
terminals of ES636 and external OPAMP.
100K
AGND


Similar Part No. - ES51916_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
More results

Similar Description - ES51916_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51911 CYRUSTEK-ES51911 Datasheet
462Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918_11 Datasheet
806Kb / 30P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com