Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES51920 Datasheet(PDF) 3 Page - Cyrustek corporation

Part # ES51920
Description  LCR meter chipset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51920 Datasheet(HTML) 3 Page - Cyrustek corporation

  ES51920 Datasheet HTML 1Page - Cyrustek corporation ES51920 Datasheet HTML 2Page - Cyrustek corporation ES51920 Datasheet HTML 3Page - Cyrustek corporation ES51920 Datasheet HTML 4Page - Cyrustek corporation ES51920 Datasheet HTML 5Page - Cyrustek corporation ES51920 Datasheet HTML 6Page - Cyrustek corporation ES51920 Datasheet HTML 7Page - Cyrustek corporation ES51920 Datasheet HTML 8Page - Cyrustek corporation ES51920 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ver 2.1
12/03/01
3
|Z| =
2
2
Xs
Rs +
Rs = |Zs| cosθ
Xs = |Zs| sinθ
Xs/Rs = tanθ
θ
= tan-1(Xs/Rs)
If θ > 0, the reactance is inductive. In other words, if θ < 0, the reactance is capacitive.
There are two types for reactance. The one is the inductive reactance XL and the
other is the capacitive reactance XC. They could be defined as: (f = signal frequency)
XL = 2πf L (L = Inductance)
XC =
C
2
1
f
π
(C = Capacitance)
Measurement mode
The impedance could be measured in series or parallel mode. The impedance Z in
parallel mode could be represented as reciprocal of admittance Y. The admittance could
be defined as Y = G + jB. The G is the conductance and the B is the susceptance.
Rs: Resistance in series mode
Rp: Resistance in parallel mode
Xs: Reactance in series mode
Xp: Reactance in parallel mode
Cs: Capacitance in series mode
Cp: Capacitance in parallel mode
Ls: Inductance in series mode
Lp: Inductance in parallel mode
There are two factors to provide the ratio of real part and imaginary part. Usually
the quality factor Q is used for inductance measurement and the dissipation factor D is
used for capacitance measurement. D factor is defined as a reciprocal of Q factor.
Q = 1 / D = tanθ
Q = Xs / Rs = 2πf Ls / Rs = 1 / 2πf Cs Rs
Q = B / G = Rp / | Xp | = Rp / 2πf Lp = 2πf Cp Rp
Impedance in serial mode
Rs
jXs
Z = Rs + jXs
Impedance in serial mode
Rs
jXs
Z = Rs + jXs
Admittance in parallel mode
Rp
jXp
Y = 1/Z = 1/Rp + 1/jXp = G + jB
Admittance in parallel mode
Rp
jXp
Y = 1/Z = 1/Rp + 1/jXp = G + jB


Similar Part No. - ES51920

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
More results

Similar Description - ES51920

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
IM3536 ASM-SENSOR-IM3536 Datasheet
1Mb / 16P
   LCR METER
logo
Keysight Technologies
4285A-202 KEYSIGHT-4285A-202 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980AL KEYSIGHT-E4980AL Datasheet
1Mb / 38P
   Precision LCR Meter
logo
IET Labs Inc.
7660 IET-7660 Datasheet
527Kb / 3P
   Precision LCR Meter
February 2023
logo
Keysight Technologies
4285A-002 KEYSIGHT-4285A-002 Datasheet
1Mb / 21P
   Precision LCR Meter
E4980A-001 KEYSIGHT-E4980A-001 Datasheet
1Mb / 38P
   Precision LCR Meter
E4980A-301 KEYSIGHT-E4980A-301 Datasheet
1Mb / 38P
   Precision LCR Meter
4285A-001 KEYSIGHT-4285A-001 Datasheet
1Mb / 21P
   Precision LCR Meter
4285A-004 KEYSIGHT-4285A-004 Datasheet
1Mb / 21P
   Precision LCR Meter
logo
IET Labs Inc.
7600PLUS IET-7600PLUS Datasheet
252Kb / 3P
   Precision LCR Meter
March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com